Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5883 Datasheet (PDF) - Anpec Electronics Coropration

APL5883 Datasheet PDF - Anpec Electronics Coropration
Part # APL5883
Download  APL5883 Download
File Size   115.07 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V

APL5883 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5883 Datasheet PDF - Anpec Electronics Coropration

Part # APL5883
Download  APL5883 Click to download

File Size   115.07 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V

APL5883 Datasheet (HTML) - Anpec Electronics Coropration


APL5883 Product details

General Description
The APL5883 is a 3-pin low dropout linear regulator with 2.0% accuracy of output voltage over line, load and temperature variations. Dropout voltage at 300mA output current is less than 1.2V. Both output current limiting and thermal shutdown are built in to provide maximal protection to the APL5883 against fault conditions. The over current and thermal shutdown circuits become active when the current exceed 300mA, or the junction temperature reach 150°C. Normal operation is recovered when junction temperature drops below 130°C.
   
Features
• Low Dropout Voltage of 1.3V at 300mA
• Output Voltage Accuracy ± 2.0%
• Line Regulation - 1mV (typ.)
• Load Regulation - 6mV (typ.)
• Input Voltage Range up to 9V
• Internal Current Limiting and Thermal Shutdown
    Protections
• Adjustable Output : 1.25V ~ 7.75V
• Available Output Voltages - Ajdustable , 2.85V
    and 3.3V
• Various SOT-89 and TO-92 Packages Available
   
Applications
• Voltage Regulator for CD-ROM Drivers
• Voltage Regulator for LAN Cards
• Wireless Communication Systems
• Portable Instrument
   




Similar Part No. - APL5883

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885 ANPEC-APL5885 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TR ANPEC-APL5885-18DC-TR Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TRL ANPEC-APL5885-18DC-TRL Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TU ANPEC-APL5885-18DC-TU Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
More results


Similar Description - APL5883

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5833 ANPEC-APL5833 Datasheet
114Kb / 11P
300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
Adjustable Low Dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
Adjustable Low Dropout 300mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com