Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32441 Datasheet (PDF) - Vishay Siliconix

SIP32441 Datasheet PDF - Vishay Siliconix
Part # SIP32441
Download  SIP32441 Download
File Size   239.7 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3 A, Fault Protected, Slew Rate Controlled Load Switch

SIP32441 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32441 Datasheet PDF - Vishay Siliconix

Part # SIP32441
Download  SIP32441 Click to download

File Size   239.7 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3 A, Fault Protected, Slew Rate Controlled Load Switch

SIP32441 Datasheet (HTML) - Vishay Siliconix


SIP32441 Product details

• 1.7 V to 5.5 V input voltage range
• Negative input voltage tolerance down to -2 V
• 38 mΩ typical RON from 1.8 V to 5 V
• 3 A maximum continuous switch current
• Slew rate controlled turn-on: 2.5 ms at 3.6 V
• 2.3 V UVLO when EN is open
• Reverse current blocking when switch is off or VIN is ground
• ESD protected
- HBM: > 6 kV
- MM: > 300 V
- IEC61000-4-2 air discharge: > 15 kV
- IEC61000-4-2 contact discharge: > 8 kV
• Compact TDFN4 package




Similar Part No. - SIP32441

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32448 VISHAY-SIP32448 Datasheet
483Kb / 12P
1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
24-Aug-15
SiP32448DNP-T1-GE4 VISHAY-SiP32448DNP-T1-GE4 Datasheet
483Kb / 12P
1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
24-Aug-15
SiP32449 VISHAY-SiP32449 Datasheet
483Kb / 12P
1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
24-Aug-15
SiP32449DNP-T1-GE4 VISHAY-SiP32449DNP-T1-GE4 Datasheet
483Kb / 12P
1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
24-Aug-15
More results


Similar Description - SIP32441

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
ON Semiconductor
FPF1048 ONSEMI-FPF1048 Datasheet
707Kb / 14P
3 A-Capable, Slew-Rate-Controlled Load Switch
April 2015 Rev. 1.8
logo
Vishay Siliconix
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com