Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32448 Datasheet (PDF) - Vishay Siliconix

SIP32448 Datasheet PDF - Vishay Siliconix
Part # SIP32448
Download  SIP32448 Download
File Size   483.1 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance

SIP32448 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32448 Datasheet PDF - Vishay Siliconix

Part # SIP32448
Download  SIP32448 Click to download

File Size   483.1 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance

SIP32448 Datasheet (HTML) - Vishay Siliconix


SIP32448 Product details

• 1.7 V to 5.5 V input voltage range
• Negative input voltage tolerance down to -2 V
• 38 m ohm typical RON from 1.8 V to 5 V
• 3 A maximum continuous switch current
• Slew rate controlled turn-on: 2.5 ms at 3.6 V
• Constant low control logic: VIH = 1.15 V, VIL = 0.7 V
• 2 V UVLO when EN is open
• Reverse current blocking when switch is off or VIN is ground
• Output discharge (SiP32449)
• ESD protected
- HBM: >6 kV
- MM: >300 V
- IEC61000-4-2 air discharge: >15 kV
- IEC61000-4-2 contact discharge: >8 kV
• Compact TDFN4 package




Similar Part No. - SIP32448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32441 VISHAY-SIP32441 Datasheet
239Kb / 11P
3 A, Fault Protected, Slew Rate Controlled Load Switch
17-Aug-15
SiP32441DNP-T1-GE4 VISHAY-SiP32441DNP-T1-GE4 Datasheet
239Kb / 11P
3 A, Fault Protected, Slew Rate Controlled Load Switch
17-Aug-15
More results


Similar Description - SIP32448

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
3-V to 20-V High-Current Load Switch
logo
STMicroelectronics
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
logo
Vishay Siliconix
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
logo
Texas Instruments
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com