Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMP6.0A Datasheet (PDF) - Vishay Siliconix

MSMP6.0A Datasheet PDF - Vishay Siliconix
Part # MSMP6.0A
Download  MSMP6.0A Download
File Size   102.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB® Transient Voltage Suppressors

MSMP6.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSMP6.0A Datasheet PDF - Vishay Siliconix

Part # MSMP6.0A
Download  MSMP6.0A Click to download

File Size   102.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB® Transient Voltage Suppressors

MSMP6.0A Datasheet (HTML) - Vishay Siliconix


MSMP6.0A Product details

• Very low profile - typical height of 0.65 mm
• Ideal for automated placement
• Oxide planar chip junction
• Uni-directional polarity only
• Peak pulse power: 150 W (10/1000 μs)
• ESD capability: 15 kV (air), 8 kV (contact)
• Meets MSL level 1, per J-STD-020C, LF maximum peak of
260 °C




Similar Part No. - MSMP6.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSMP6.0A VISHAY-MSMP6.0A Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
MSMP6.0A-M3/89A VISHAY-MSMP6.0A-M3/89A Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
MSMP6.0AHM3/H VISHAY-MSMP6.0AHM3/H Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
MSMP6.0A VISHAY-MSMP6.0A_V01 Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
More results


Similar Description - MSMP6.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
26-Jan-12
1.5SMC200A-E357T VISHAY-1.5SMC200A-E357T Datasheet
98Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
14-Dec-12
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
13-Dec-12
SMAJ50A VISHAY-SMAJ50A Datasheet
85Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Sep-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
06-Apr-17
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-2021
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
30-Jun-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com