Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMP6.0A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSMP6.0A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSMP6.0A Datasheet(HTML) 1 Page - Vishay Siliconix

  MSMP6.0A Datasheet HTML 1Page - Vishay Siliconix MSMP6.0A Datasheet HTML 2Page - Vishay Siliconix MSMP6.0A Datasheet HTML 3Page - Vishay Siliconix MSMP6.0A Datasheet HTML 4Page - Vishay Siliconix MSMP6.0A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSMP6.0A thru MSMP20A
www.vishay.com
Vishay General Semiconductor
Revision: 10-Dec-13
1
Document Number: 89457
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount TRANSZORB® Transient Voltage Suppressors
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for protecting
sensitive equipment against transient overvoltages.
FEATURES
• Very low profile - typical height of 0.65 mm
• Ideal for automated placement
• Oxide planar chip junction
• Uni-directional polarity only
• Peak pulse power: 150 W (10/1000 μs)
• ESD capability: 15 kV (air), 8 kV (contact)
• Meets MSL level 1, per J-STD-020C, LF maximum peak of
260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: MicroSMP
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Notes
(1) Non-repetitive current pulse, per fig. 1
(2) Mounted on 6.0 mm x 6.0 mm copper pads to each terminal
(3) Mounted on minimum recommended pad layout
PRIMARY CHARACTERISTICS
VBR
6.67 V to 24.5 V
VWM
6.0 V to 20 V
PPPM (10 x 1000 μs)
150 W
TJ max.
150 °C
Polarity
Uni-directional
Package
MicroSMP
MicroSMP
eSMP® Series
Top View
Bottom View
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 μs waveform (fig. 1)
PPPM (1)(2)
150
W
Peak pulse current with a 10/1000 μs waveform
IPPM (1)
See next table
A
Power dissipation
TM = 120 °C
PD (2)
1.0
W
Power dissipation
TA = 25 °C
PD (3)
0.5
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - MSMP6.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSMP6.0A VISHAY-MSMP6.0A Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
MSMP6.0A-M3/89A VISHAY-MSMP6.0A-M3/89A Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
MSMP6.0AHM3/H VISHAY-MSMP6.0AHM3/H Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
MSMP6.0A VISHAY-MSMP6.0A_V01 Datasheet
108Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
09-Aug-2022
More results

Similar Description - MSMP6.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
26-Jan-12
1.5SMC200A-E357T VISHAY-1.5SMC200A-E357T Datasheet
98Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
14-Dec-12
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
13-Dec-12
SMAJ50A VISHAY-SMAJ50A Datasheet
85Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Sep-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
06-Apr-17
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-2021
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
30-Jun-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com