Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMP6.0A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSMP6.0A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSMP6.0A Datasheet(HTML) 3 Page - Vishay Siliconix

  MSMP6.0A Datasheet HTML 1Page - Vishay Siliconix MSMP6.0A Datasheet HTML 2Page - Vishay Siliconix MSMP6.0A Datasheet HTML 3Page - Vishay Siliconix MSMP6.0A Datasheet HTML 4Page - Vishay Siliconix MSMP6.0A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSMP6.0A thru MSMP20A
www.vishay.com
Vishay General Semiconductor
Revision: 10-Dec-13
3
Document Number: 89457
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Pulse Waveform
Fig. 2 - Peak Pulse Power Rating Curve
Fig. 3 - Pulse Power or Current vs. Initial Junction Temperature
Fig. 4 - Typical Junction Capacitance
Fig. 5 - Power Dissipation Derating Curve
Fig. 6 - Typical Transient Thermal Impedance
0
0
50
100
150
1.0
2.0
3.0
4.0
t
r = 10 μs
t
r = 8 μs
t
d = 1000 μs
t
d = 20 μs
t - Time (ms)
t
d
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d) is
Defined as the Point
Where the Peak Current
Decays to 50 % of I
PPM
0.1
0.01
0.1
1
10
100
1
10
100
1000
10 000
td - Pulse Width (μs)
0.24" x 0.24" (6.0 mm x 6.0 mm)
Copper Pad Areas
Non-Repetitive Pulse
Waveform Shown in Fig. 1
T
A = 25 °C
50
75
100
25
0
0
50
75
100
125
175
TJ - Initial Temperature (°C)
25
150
10
100
1000
6
8
10
12
14
16
18
20
V
WM - Reverse Stand-Off Voltage (V)
Measured at Stand-off
Voltage, V
WM
Measured at Zero Bias
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.0
0.2
0.4
0.6
0.8
1.0
1.2
50
0
100
150
175
Ambient Temperature (°C)
25
75
125
Mounted on Minimum
Recommende Pad Area
T
A = TM, Mounted on
6.0 mm x 6.0 mm Copper Pad
1000
100
10
0.1
0.01
1
10
100
1000
t - Pulse Duration (s)
Junction to Ambient



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com