Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT949 Datasheet (PDF) - Diodes Incorporated

FZT949 Datasheet PDF - Diodes Incorporated
Part # FZT949
Download  FZT949 Download
File Size   452.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V PNP MEDIUM POWER TRANSISTOR

FZT949 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT949 Datasheet PDF - Diodes Incorporated

Part # FZT949
Download  FZT949 Click to download

File Size   452.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V PNP MEDIUM POWER TRANSISTOR

FZT949 Datasheet (HTML) - Diodes Incorporated


FZT949 Product details

Features
• BVCEO > -30V
• IC = -5.5A High Continuous Collector Current
• IC = -20A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -140mV @ -1A
• hFE Specified up to -20A for a High Gain Hold-Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FZT949

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT949 ZETEX-FZT949 Datasheet
216Kb / 5P
PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
PNP Silicon Planar High Current (High Performance) Transistor
logo
Diodes Incorporated
FZT949 DIODES-FZT949 Datasheet
227Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
NOVEMBER 1995
FZT949 DIODES-FZT949 Datasheet
227Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
NOVEMBER 1995
FZT949QTA DIODES-FZT949QTA Datasheet
606Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 1
More results


Similar Description - FZT949

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2086S ROHM-2SA2086S Datasheet
96Kb / 4P
Medium power transistor (-30V, -1A)
logo
Diodes Incorporated
ZXTP2008Z DIODES-ZXTP2008Z Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FZT9489 DIODES-FZT9489 Datasheet
606Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 1
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT589 DIODES-FZT589_15 Datasheet
524Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT9489 DIODES-FZT9489_15 Datasheet
606Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 1
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP2008Z DIODES-ZXTP2008Z_17 Datasheet
495Kb / 7P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com