Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP1206-A Datasheet (PDF) - International Rectifier

IRDCIP1206-A Datasheet PDF - International Rectifier
Part # IRDCIP1206-A
Download  IRDCIP1206-A Download
File Size   1056.24 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP1206-A: 300 kHz, 30A, Synchronous Buck Converter using iP1206

IRDCIP1206-A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRDCIP1206-A Datasheet PDF - International Rectifier

Part # IRDCIP1206-A
Download  IRDCIP1206-A Click to download

File Size   1056.24 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP1206-A: 300 kHz, 30A, Synchronous Buck Converter using iP1206

IRDCIP1206-A Datasheet (HTML) - International Rectifier




Similar Part No. - IRDCIP1206-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
More results


Similar Description - IRDCIP1206-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2003A-C IRF-IRDCIP2003A-C Datasheet
1Mb / 8P
1MHz, 160A, Synchronous Buck Converter Using iP2003A
logo
Diodes Incorporated
AP6507 DIODES-AP6507 Datasheet
448Kb / 13P
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
logo
ON Semiconductor
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
logo
Texas Instruments
TPS50601-SP TI1-TPS50601-SP Datasheet
1Mb / 40P
6-A Synchronous Buck Converter
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
International Rectifier
IRDCIP1203-A IRF-IRDCIP1203-A Datasheet
1Mb / 14P
IRDCiP1203-A: 400kHz, 15A, Synchronous Buck Converter Using iP1203
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Sanken electric
NR117K SANKEN-NR117K Datasheet
736Kb / 19P
1.5 A, 31 V, 30 kHz, Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com