Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP2003A-C Datasheet (PDF) - International Rectifier

IRDCIP2003A-C Datasheet PDF - International Rectifier
Part # IRDCIP2003A-C
Download  IRDCIP2003A-C Download
File Size   1418.35 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1MHz, 160A, Synchronous Buck Converter Using iP2003A

IRDCIP2003A-C Datasheet (PDF)

Go To PDF Page Download Datasheet
IRDCIP2003A-C Datasheet PDF - International Rectifier

Part # IRDCIP2003A-C
Download  IRDCIP2003A-C Click to download

File Size   1418.35 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1MHz, 160A, Synchronous Buck Converter Using iP2003A

IRDCIP2003A-C Datasheet (HTML) - International Rectifier




Similar Part No. - IRDCIP2003A-C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2001-A IRF-IRDCIP2001-A Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IRDCIP2001-B IRF-IRDCIP2001-B Datasheet
648Kb / 8P
IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
IRDCIP2005A-A IRF-IRDCIP2005A-A Datasheet
2Mb / 13P
IRDCiP2005A-A: 1MHz, 65A DC, 80A Peak, Dual Phase, Sync Buck Converter using iP2005
More results


Similar Description - IRDCIP2003A-C

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
logo
International Rectifier
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
5A 5V 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
40V, 600MA, 1MHz synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com