Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP2005A-A Datasheet (PDF) - International Rectifier

IRDCIP2005A-A Datasheet PDF - International Rectifier
Part # IRDCIP2005A-A
Download  IRDCIP2005A-A Download
File Size   2216.55 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP2005A-A: 1MHz, 65A DC, 80A Peak, Dual Phase, Sync Buck Converter using iP2005

IRDCIP2005A-A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRDCIP2005A-A Datasheet PDF - International Rectifier

Part # IRDCIP2005A-A
Download  IRDCIP2005A-A Click to download

File Size   2216.55 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP2005A-A: 1MHz, 65A DC, 80A Peak, Dual Phase, Sync Buck Converter using iP2005

IRDCIP2005A-A Datasheet (HTML) - International Rectifier




Similar Part No. - IRDCIP2005A-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2005C-1 IRF-IRDCIP2005C-1 Datasheet
1Mb / 13P
IRDCiP2005C-1: 500kHz, 60A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2005C and IR3623M
IRDCIP2005C-2 IRF-IRDCIP2005C-2 Datasheet
1Mb / 16P
IRDCiP2005C-2: 500kHz, 30A, Dual Output, 180o Out of Phase Synchronous Buck Converter Featuring iP2005C and IR3623M
More results


Similar Description - IRDCIP2005A-A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
1MHz 3A Buck DC/DC Converter
logo
International Rectifier
IRDCIP2003A-C IRF-IRDCIP2003A-C Datasheet
1Mb / 8P
1MHz, 160A, Synchronous Buck Converter Using iP2003A
logo
Advanced Analogic Techn...
AAT1157 ANALOGICTECH-AAT1157 Datasheet
394Kb / 14P
1MHz 1.2A Buck DC/DC Converter
logo
International Rectifier
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
1MHz 2.5A Buck DC/DC Converter
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com