Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP2005C-2 Datasheet (PDF) - International Rectifier

IRDCIP2005C-2 Datasheet PDF - International Rectifier
Part # IRDCIP2005C-2
Download  IRDCIP2005C-2 Download
File Size   1500.58 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP2005C-2: 500kHz, 30A, Dual Output, 180o Out of Phase Synchronous Buck Converter Featuring iP2005C and IR3623M

IRDCIP2005C-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRDCIP2005C-2 Datasheet PDF - International Rectifier

Part # IRDCIP2005C-2
Download  IRDCIP2005C-2 Click to download

File Size   1500.58 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP2005C-2: 500kHz, 30A, Dual Output, 180o Out of Phase Synchronous Buck Converter Featuring iP2005C and IR3623M

IRDCIP2005C-2 Datasheet (HTML) - International Rectifier




Similar Part No. - IRDCIP2005C-2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2005C-1 IRF-IRDCIP2005C-1 Datasheet
1Mb / 13P
IRDCiP2005C-1: 500kHz, 60A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2005C and IR3623M
More results


Similar Description - IRDCIP2005C-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5422A ONSEMI-NCP5422A Datasheet
126Kb / 18P
Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
logo
International Rectifier
IRDCIP2001-A IRF-IRDCIP2001-A Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
logo
Micrel Semiconductor
MIC2150 MICREL-MIC2150 Datasheet
803Kb / 27P
2-Phase Dual Output PWM Synchronous Buck Control IC
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
logo
International Rectifier
IRDCIP2005C-1 IRF-IRDCIP2005C-1 Datasheet
1Mb / 13P
IRDCiP2005C-1: 500kHz, 60A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2005C and IR3623M
IRDCIP2021C-1 IRF-IRDCIP2021C-1 Datasheet
1Mb / 12P
IRDCiP2021C-1: 500kHz, 40A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2021C and IR3623M
IRDCIP2021C-2 IRF-IRDCIP2021C-2 Datasheet
1Mb / 15P
IRDCiP2021C-2: 500kHz, 20A, Dual Output, 180o Out of Phase Synchronous Buck Converter
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
Dual Phase/Dual Output Synchronous Buck Converter
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
Dual Output Synchronous Buck Converter
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com