Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP1203-A Datasheet (PDF) - International Rectifier

IRDCIP1203-A Datasheet PDF - International Rectifier
Part # IRDCIP1203-A
Download  IRDCIP1203-A Download
File Size   1074.84 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP1203-A: 400kHz, 15A, Synchronous Buck Converter Using iP1203

IRDCIP1203-A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRDCIP1203-A Datasheet PDF - International Rectifier

Part # IRDCIP1203-A
Download  IRDCIP1203-A Click to download

File Size   1074.84 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP1203-A: 400kHz, 15A, Synchronous Buck Converter Using iP1203

IRDCIP1203-A Datasheet (HTML) - International Rectifier




Similar Part No. - IRDCIP1203-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1201-A IRF-IRDCIP1201-A Datasheet
212Kb / 6P
300kHz, Dual 15A, 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201
IRDCIP1202-A IRF-IRDCIP1202-A Datasheet
242Kb / 6P
IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
IRDCIP1206-A IRF-IRDCIP1206-A Datasheet
1Mb / 14P
IRDCiP1206-A: 300 kHz, 30A, Synchronous Buck Converter using iP1206
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
More results


Similar Description - IRDCIP1203-A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2193 MICREL-MIC2193 Datasheet
63Kb / 10P
400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
logo
International Rectifier
IRDCIP2003A-C IRF-IRDCIP2003A-C Datasheet
1Mb / 8P
1MHz, 160A, Synchronous Buck Converter Using iP2003A
IRDCIP1201-A IRF-IRDCIP1201-A Datasheet
212Kb / 6P
300kHz, Dual 15A, 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201
logo
ON Semiconductor
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
logo
Texas Instruments
TPS50601-SP TI1-TPS50601-SP Datasheet
1Mb / 40P
6-A Synchronous Buck Converter
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
15A Synchronous Buck Regulator
Rev. 1.1
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
15A Synchronous Buck Regulator
September 2015 Rev. 1.0
logo
International Rectifier
IRDCIP1202-A IRF-IRDCIP1202-A Datasheet
242Kb / 6P
IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
IRDCIP1206-A IRF-IRDCIP1206-A Datasheet
1Mb / 14P
IRDCiP1206-A: 300 kHz, 30A, Synchronous Buck Converter using iP1206
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com