Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP1202-A Datasheet (PDF) - International Rectifier

IRDCIP1202-A Datasheet PDF - International Rectifier
Part # IRDCIP1202-A
Download  IRDCIP1202-A Download
File Size   242.56 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202

IRDCIP1202-A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRDCIP1202-A Datasheet PDF - International Rectifier

Part # IRDCIP1202-A
Download  IRDCIP1202-A Click to download

File Size   242.56 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202

IRDCIP1202-A Datasheet (HTML) - International Rectifier




Similar Part No. - IRDCIP1202-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1201-A IRF-IRDCIP1201-A Datasheet
212Kb / 6P
300kHz, Dual 15A, 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201
IRDCIP1203-A IRF-IRDCIP1203-A Datasheet
1Mb / 14P
IRDCiP1203-A: 400kHz, 15A, Synchronous Buck Converter Using iP1203
IRDCIP1206-A IRF-IRDCIP1206-A Datasheet
1Mb / 14P
IRDCiP1206-A: 300 kHz, 30A, Synchronous Buck Converter using iP1206
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
More results


Similar Description - IRDCIP1202-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1201-A IRF-IRDCIP1201-A Datasheet
212Kb / 6P
300kHz, Dual 15A, 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201
IRDCIP1001-B IRF-IRDCIP1001-B Datasheet
586Kb / 6P
200kHz to 300kHz, 20A, 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
Dual Synchronous Buck Converter
logo
International Rectifier
IRDCIP1203-A IRF-IRDCIP1203-A Datasheet
1Mb / 14P
IRDCiP1203-A: 400kHz, 15A, Synchronous Buck Converter Using iP1203
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
Dual Phase/Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
High Current, Dual Output Synchronous Buck Converter
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
High Current, Dual Output Synchronous Buck Converter
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com