Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2193 Datasheet (PDF) - Micrel Semiconductor

MIC2193 Datasheet PDF - Micrel Semiconductor
Part # MIC2193
Download  MIC2193 Download
File Size   63.5 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC

MIC2193 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2193 Datasheet PDF - Micrel Semiconductor

Part # MIC2193
Download  MIC2193 Click to download

File Size   63.5 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC

MIC2193 Datasheet (HTML) - Micrel Semiconductor


MIC2193 Product details

General Description
Micrel’s MIC2193 is a high efficiency, PWM synchronous buck control IC housed in the SO-8 package. Its 2.9V to 14V input voltage range allows it to efficiently step down voltages in 3.3V, 5V, and 12V systems as well as 1- or 2-cell Li Ion battery powered applications.

Features
• 2.9V to 14V input voltage range
• 400kHz oscillator frequency
• PWM current mode control
• 100% maximum duty cycle
• Front edge blanking
• 4Ω output drivers
• Cycle-by-cycle current limiting
• Frequency foldback short circuit protection
• 8 lead SOIC package

Applications
• Point of load power supplies
• Distributed power systems
• Wireless Modems
• ADSL line cards
• Servers
• Step down conversion in 3.3V, 5V, and 12V systems
• 1-and 2-cell Li Ion battery operated equipment




Similar Part No. - MIC2193

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194BM MICREL-MIC2194BM Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194BM MICREL-MIC2194BM Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194YM MICREL-MIC2194YM Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
More results


Similar Description - MIC2193

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2196 MICREL-MIC2196 Datasheet
68Kb / 11P
400kHz SO-8 Boost Control IC
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2196 MICREL-MIC2196_08 Datasheet
236Kb / 12P
400kHz SO-8 Boost Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com