Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2194 Datasheet (PDF) - Micrel Semiconductor

MIC2194 Datasheet PDF - Micrel Semiconductor
Part # MIC2194
Download  MIC2194 Download
File Size   63.62 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 400kHz SO-8 Buck Control IC

MIC2194 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2194 Datasheet PDF - Micrel Semiconductor

Part # MIC2194
Download  MIC2194 Click to download

File Size   63.62 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 400kHz SO-8 Buck Control IC

MIC2194 Datasheet (HTML) - Micrel Semiconductor


MIC2194 Product details

General Description
Micrel’s MIC2194 is a high efficiency PWM buck control IC housed in the SO-8 package. Its 2.9V to 14V input voltage range allows it to efficiently step down voltages in 3.3V, 5V, and 12V systems as well as 1- or 2-cell Li Ion battery powered applications. The flexible architecture of the MIC2194 allows for it to be configured as a buck or a buck-boost converter.

Features
• 2.9V to 14V input voltage range
• 400kHz oscillator frequency
• PWM current mode control
• 2Ω output drivers
• 100% maximum duty cycle
• 0.5µA micro-power shutdown
• Programmable UVLO
• Front edge blanking
• Cycle-by-cycle current limiting
• Frequency foldback short circuit protection
• 8-lead SOIC package

Applications
• Point of load power supplies
• Negative voltage buck-boost power supplies
• Distributed power systems
• Base stations
• Wireless modems
• ADSL line cards
• Servers
• Step down conversion in 3.3V, 5V, 12V systems
• 1-and 2-cell Li Ion battery operated equipment




Similar Part No. - MIC2194

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2194BM MICREL-MIC2194BM Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194YM MICREL-MIC2194YM Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
More results


Similar Description - MIC2194

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2193 MICREL-MIC2193 Datasheet
63Kb / 10P
400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
MIC2196 MICREL-MIC2196 Datasheet
68Kb / 11P
400kHz SO-8 Boost Control IC
logo
International Rectifier
IRS2540PBF IRF-IRS2540PBF Datasheet
449Kb / 14P
LED BUCK REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2196 MICREL-MIC2196_08 Datasheet
236Kb / 12P
400kHz SO-8 Boost Control IC
logo
International Rectifier
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
LED BUCK REGULATOR CONTROL IC
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
LED BUCK REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com