Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2193 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2193
Description  400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2193 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2193 Datasheet HTML 1Page - Micrel Semiconductor MIC2193 Datasheet HTML 2Page - Micrel Semiconductor MIC2193 Datasheet HTML 3Page - Micrel Semiconductor MIC2193 Datasheet HTML 4Page - Micrel Semiconductor MIC2193 Datasheet HTML 5Page - Micrel Semiconductor MIC2193 Datasheet HTML 6Page - Micrel Semiconductor MIC2193 Datasheet HTML 7Page - Micrel Semiconductor MIC2193 Datasheet HTML 8Page - Micrel Semiconductor MIC2193 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2193
Micrel
M9999-042704
2
April 2004
Pin Configuration
1
VIN
COMP
FB
CS
8
OUTP
OUTN
GND
VDD
7
6
5
2
3
4
8 Lead SOIC (M)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Controller supply voltage. Also the (+) input to the current sense amp.
2
COMP
Compensation (Output): Internal error amplifier output. Connect to a
capacitor or series RC network to compensate the regulator’s control loop.
3
FB
Feedback Input: The circuit regulates this pin to 1.245V.
4
CS
The (–) input to the current limit comparator. A built in offset of 110mV
between VIN and CSL in conjunction with the current sense resistor sets the
current limit threshold level. This is also the (–) input to the current amplifier.
5
VDD
3V internal linear-regulator output. VDD is also the supply voltage bus for the
chip. Bypass to GND with 1
µF.
6
GND
Ground.
7
OUTN
High current drive for the synchronous N-channel MOSFET. Voltage swing
is from ground to VIN. On-resistance is typically 6
Ω at 5V
IN.
8
OUTP
High current drive for the high side P-channel MOSFET. Voltage swing is
from ground to VIN. On-resistance is typically 6
Ω at 5V
IN.
Ordering Information
Part Number
Voltage
Frequency
Temperature Range
Package
Lead Finish
MIC2193BM
Adjustable
400KHz
–40
°C to +125°C
8-lead SOP
Standard
MIC2193YM
Adjustable
400KHz
–40
°C to +125°C
8-lead SOP
Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com