Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2193 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2193
Description  400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2193 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2193 Datasheet HTML 2Page - Micrel Semiconductor MIC2193 Datasheet HTML 3Page - Micrel Semiconductor MIC2193 Datasheet HTML 4Page - Micrel Semiconductor MIC2193 Datasheet HTML 5Page - Micrel Semiconductor MIC2193 Datasheet HTML 6Page - Micrel Semiconductor MIC2193 Datasheet HTML 7Page - Micrel Semiconductor MIC2193 Datasheet HTML 8Page - Micrel Semiconductor MIC2193 Datasheet HTML 9Page - Micrel Semiconductor MIC2193 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
April 2004
7
M9999-042704
MIC2193
Micrel
The MIC2193 controller is broken down into five functions.
• Control loop
- PWM operation
- Current mode control
• Current limit
• Reference and V
DD
• MOSFET gate drive
• Oscillator
Control Loop
PWM Control Loop
The MIC2193 uses current mode control to regulate the
output voltage. This dual control loop method (illustrated in
Figure 2) senses the output voltage (outer loop) and the
inductor current (inner loop). It uses inductor current and
output voltage to determine the duty cycle of the buck
converter. Sampling the inductor current effectively removes
the inductor from the control loop, which simplifies compen-
sation.
Switching
Converter
Voltage
Divider
VREF
VERROR
VERROR
tON
tPER
D = tON/tPER
IINDUCTOR
IINDUCTOR
Switch
Driver
VOUT
VIN
Figure 2. Current Mode Control Example
As shown in Figure 1, the inductor current is sensed by
measuring the voltage across the resistor, R
SENSE. A ramp is
added to the amplified current sense signal to provide slope
compensation, which is required to prevent unstable opera-
tion at duty cycles greater than 50%.
A transconductance amplifier is used for the error amplifier,
which compares an attenuated sample of the output voltage
with a reference voltage. The output of the error amplifier is
the compensation pin (COMP), which is compared to the
current sense waveform in the PWM block. When the current
signal becomes greater than the error signal, the comparator
turns off the high-side drive. The COMP pin provides access
to the output of the error amplifier and allows the use of
external components to stabilize the voltage loop.
Current Limit
The output current is detected by the voltage drop across the
external current sense resistor (R
SENSE in Figure 1.). The
current sense resistor must be sized using the minimum
current limit threshold. The external components must be
designed to withstand the maximum current limit. The current
sense resistor value is calculated by the equation below:
R
MIN CURRENT
SENSE THRESHOLD
I
SENSE
OUT
MAX
=
__
_
_
The maximum output current is:
I
MAX
CURRENT
SENSE THRESHOLD
R
OUT MAX
SENSE
_
__
_
=
The current sense pins VIN (pin 1) and CSL (pin 4) are noise
sensitive due to the low signal level and high input impedance
and switching noise on the VIN pin. The PCB traces should
be short and routed close to each other. A 10nF capacitor
across the pins will attenuate high frequency switching noise.
When the peak inductor current exceeds the current limit
threshold, the overcurrent comparator turns off the high side
MOSFET for the remainder of the switching cycle, effectively
decreasing the duty cycle. The output voltage drops as
additional load current is pulled from the converter. When the
voltage at the feedback pin (FB) reaches approximately 0.3V,
the circuit enters frequency foldback mode and the oscillator
frequency will drop to approximately 1/4 of the switching
frequency. This limits the maximum output power delivered to
the load under a short circuit condition.
Reference and V
DD Circuits
The output drivers are enabled when the V
DD voltage (pin 5)
is greater than its undervoltage threshold.
The internal bias circuit generates an internal 1.245V band-
gap reference voltage for the voltage error amplifier and a 3V
V
DD voltage for the internal control circuitry. The VDD pin
must be decoupled with a 1
µF ceramic capacitor. The capaci-
tor must be placed close to the VDD pin. The other end of the
capacitor must be connected directly to the ground plane.
MOSFET Gate Drive
The MIC2193 is designed to drive a high-side, P-Channel
MOSFET and a low side, N-Channel MOSFET. The source
pin of the P-channel MOSFET is connected to the input of the
power supply. It is turned on when OUTP pulls the gate of the
MOSFET low. The advantage of using a P-channel MOSFET
is that it does not required a bootstrap circuit to boost the gate
voltage higher than the input, as would be required for an N-
channel MOSFET.
The VIN pin (pin 1) supplies the drive voltage to both gate
drive pins, OUTN and OUTP. The VIN pin must be well
decoupled to prevent noise from affecting the current sense
circuit, which uses VIN as one of the sense pins.
A non-overlap time is built into the MOSFET driver circuitry.
This dead time prevents the high-side and low-side MOSFET
drivers from being on at the same time. Either an external
diode or the low-side MOSFET internal parasitic diode con-
ducts the inductor current during the dead time.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com