Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2193 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2193
Description  400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2193 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2193 Datasheet HTML 2Page - Micrel Semiconductor MIC2193 Datasheet HTML 3Page - Micrel Semiconductor MIC2193 Datasheet HTML 4Page - Micrel Semiconductor MIC2193 Datasheet HTML 5Page - Micrel Semiconductor MIC2193 Datasheet HTML 6Page - Micrel Semiconductor MIC2193 Datasheet HTML 7Page - Micrel Semiconductor MIC2193 Datasheet HTML 8Page - Micrel Semiconductor MIC2193 Datasheet HTML 9Page - Micrel Semiconductor MIC2193 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIC2193
Micrel
M9999-042704
6
April 2004
Functional Characteristics
Controller Overview and Functional Description
The MIC2193 is a BiCMOS, switched mode, synchronous
step down (buck) converter controller. It uses both N- and P-
channel MOSFETs, which allows the controller to operate at
100% duty cycle and eliminates the need for a high-side drive
boot-strap circuit. Current mode control is used to achieve
superior transient line and load regulation. An internal correc-
tive ramp provides slope compensation for stable operation
above a 50% duty cycle. The controller is optimized for high
efficiency, high performance DC-DC converter applications.
Figure 1 is a block diagram of the MIC2193 configured as a
synchronous buck converter. At the beginning of the switch-
Functional Diagram
FREQUENCY
FOLDBACK
ERROR
AMP
PWM
COMPARATOR
OVERCURRENT
COMPARATOR
L1
CURRENT
SENSE
AMP
0.3V
100k
VREF
gm = 0.0002
gain = 20
fs/4
COMP
ON
GAIN
3
RESET
VREF
1.245V
2
VDD
SLOPE
COMPENSATION
∑
OSC
fs/4
CONTROL
BIAS
VDD 5
CSL
4
VIN
OUTP
8
OUTN
7
Q2
Q1
D1
FB
3
VIN
CDECOUP
1
CIN
GND
6
COUT
VOUT
RSENSE
VIN
Figure 1. MIC2193 Block Diagram
ing cycle, the OUTP pin pulls low and turns on the high-side
P-Channel MOSFET, Q1. Current flows from the input to the
output through the current sense resistor, MOSFET, and
inductor. The current amplitude increases, controlled by the
inductor. The voltage developed across the current sense
resistor, R
SENSE, is amplified inside the MIC2193 and com-
bined with an internal ramp for stability. This signal is com-
pared to the output of the error amplifier. When the current
signal equals the error voltage signal, the P-channel MOSFET
is turned off. The inductor current flows through the diode, D1,
until the synchronous, N-channel MOSFET turns on. The
voltage drop across the MOSFET is less than the forward
voltage drop of the diode, which improves the converter
efficiency. At the end of the switching period, the synchro-
nous MOSFET is turned off and the switching cycle repeats.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com