Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2193 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2193
Description  400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2193 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2193 Datasheet HTML 1Page - Micrel Semiconductor MIC2193 Datasheet HTML 2Page - Micrel Semiconductor MIC2193 Datasheet HTML 3Page - Micrel Semiconductor MIC2193 Datasheet HTML 4Page - Micrel Semiconductor MIC2193 Datasheet HTML 5Page - Micrel Semiconductor MIC2193 Datasheet HTML 6Page - Micrel Semiconductor MIC2193 Datasheet HTML 7Page - Micrel Semiconductor MIC2193 Datasheet HTML 8Page - Micrel Semiconductor MIC2193 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
April 2004
5
M9999-042704
MIC2193
Micrel
Typical Characteristics
0
1
2
3
4
5
6
0
5
10
15
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
IN = 5V
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
05
10
15
INPUT VOLTAGE (V)
V
DD
vs. Input Voltage
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
0
0.2
0.4
0.6
0.8
1
1.2
V
DD
LOAD CURRENT (mA)
V
DD
vs. Load
V
IN = 3.3V
V
IN = 12V
V
IN =5V
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
3.50
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
V
DD
vs. Temperature
V
IN = 5V
1.200
1.210
1.220
1.230
1.240
1.250
1.260
1.270
1.280
1.290
1.300
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Reference Voltage
vs. Temperature
V
IN = 5V
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
-20
-15
-10
-5
0
5
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Switching Frequency
vs. Temperature
V
IN = 5V
90
95
100
105
110
115
120
125
130
02468
10 12 14
INPUT VOLTAGE (V)
Overcurrent Threshold
vs. Input Voltage
80
85
90
95
100
105
110
115
120
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Current Limit Threshold
vs. Temperature
V
IN = 5V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
02468
10 12 14
INPUT VOLTAGE (V)
OUTN Drive Impedance
vs. Input Voltage
Sink (
Ω)
Source (
Ω)
0
2
4
6
8
10
12
14
05
10
15
INPUT VOLTAGE (V)
OUTN Drive Impedance vs.
Input Voltage
Source (
Ω)
Sink (
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com