Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2193 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2193
Description  400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2193 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2193 Datasheet HTML 1Page - Micrel Semiconductor MIC2193 Datasheet HTML 2Page - Micrel Semiconductor MIC2193 Datasheet HTML 3Page - Micrel Semiconductor MIC2193 Datasheet HTML 4Page - Micrel Semiconductor MIC2193 Datasheet HTML 5Page - Micrel Semiconductor MIC2193 Datasheet HTML 6Page - Micrel Semiconductor MIC2193 Datasheet HTML 7Page - Micrel Semiconductor MIC2193 Datasheet HTML 8Page - Micrel Semiconductor MIC2193 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC2193
Micrel
M9999-042704
4
April 2004
Parameter
Condition
Min
Typ
Max
Units
Gate Drivers
Rise/Fall Time
C
L = 3300pF
50
ns
Output Driver Impedance
Source, V
IN = 12V
4
10
Ω
Sink, V
IN = 12V
4
10
Ω
Source, V
IN = 5V
6
12
Ω
Sink, V
IN = 5V
6
12
Ω
Driver Non-overlap Time
V
IN = 12V
50
ns
V
IN = 5V
80
ns
V
IN = 3.3V
160
ns
Note 1.
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction
temperature, T
J(Max), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive, handling precautions required. Human body model, 1.5k
Ω in series with 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com