Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2119M Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LMX2119M Datasheet PDF - National Semiconductor (TI)
Part # LMX2119M
Download  LMX2119M Download
File Size   122.18 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 1.9 GHz Power Amplifier

LMX2119M Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX2119M Datasheet PDF - National Semiconductor (TI)

Part # LMX2119M
Download  LMX2119M Click to download

File Size   122.18 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 1.9 GHz Power Amplifier

LMX2119M Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LMX2119M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2216 NSC-LMX2216 Datasheet
258Kb / 12P
0.1 GHz to 2.0 GHz Low Noise Amplifier/Mixer for RF Personal Communications
LMX2216M NSC-LMX2216M Datasheet
258Kb / 12P
0.1 GHz to 2.0 GHz Low Noise Amplifier/Mixer for RF Personal Communications
LMX2240 NSC-LMX2240 Datasheet
208Kb / 12P
Intermediate Frequency Receiver
LMX2240M NSC-LMX2240M Datasheet
208Kb / 12P
Intermediate Frequency Receiver
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
More results


Similar Description - LMX2119M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
For 1.9 GHz - Power Amplifier
MA1065-1 MITSUBISHI-MA1065-1 Datasheet
43Kb / 1P
For 1.9 GHz - High Power Amplifier
logo
Motorola, Inc
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1808 MOTOROLA-MRFIC1808 Datasheet
158Kb / 8P
1.9 GHz GaAs LOW NOISE AMPLIFIER
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
1.9 GHz UPMIXER AND EXCITER AMPLIFIER
logo
Eudyna Devices Inc
P0511946H EUDYNA-P0511946H Datasheet
413Kb / 5P
1.9 GHz band Power Amplifier Module
P0531961H EUDYNA-P0531961H Datasheet
118Kb / 6P
1.9 GHz band Power Amplifier Module
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
1.9 GHz band Power Amplifier Module
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
1.9 GHz AGC AMPLIFIER
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
1.9 ~ 2.5 GHz Band Power Amplifier
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com