Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4065 Datasheet (PDF) - Littelfuse

SP4065 Datasheet PDF - Littelfuse
Part # SP4065
Download  SP4065 Download
File Size   902.8 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4065 Series 3.3V 20A Diode Array

SP4065 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP4065 Datasheet PDF - Littelfuse

Part # SP4065
Download  SP4065 Click to download

File Size   902.8 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4065 Series 3.3V 20A Diode Array

SP4065 Datasheet (HTML) - Littelfuse




Similar Part No. - SP4065

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4060 LITTELFUSE-SP4060 Datasheet
628Kb / 4P
SP4060 Series 2.5V 20A Rail Clamp Array
SP4060-08ATG LITTELFUSE-SP4060-08ATG Datasheet
152Kb / 1P
1000 relates to the data rate in Mbps (i.e. 1000Mbps)
SP4060-08ATG LITTELFUSE-SP4060-08ATG Datasheet
548Kb / 1P
LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100廓 resistor to convey information or data
SP4060-08ATG LITTELFUSE-SP4060-08ATG Datasheet
940Kb / 4P
TVS Diode Arrays (SPA짰 Diodes)
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
TVS Diode Arrays (SPA짰 Diodes)
More results


Similar Description - SP4065

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4062_0627 LITTELFUSE-SP4062_0627 Datasheet
1Mb / 4P
SP4062 Series 3.3V 20A Rail Clamp Array
SP4062 LITTELFUSE-SP4062 Datasheet
1Mb / 5P
SP4062 Series 3.3V 20A Rail Clamp Array
LC03-3.3BTG LITTELFUSE-LC03-3.3BTG Datasheet
731Kb / 4P
LC03-3.3 Series 3.3V 150A Diode Array
LC03-3.3 LITTELFUSE-LC03-3.3 Datasheet
1Mb / 4P
LC03-3.3 Series 3.3V 150A Diode Array
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
SP03-3.3 Series 3.3V 150A Diode Array
SP3312T LITTELFUSE-SP3312T Datasheet
780Kb / 4P
SP3312T Series 3.3V 15A Diode Array
SP4042 LITTELFUSE-SP4042 Datasheet
2Mb / 4P
SP4042 Series 3.3V Diode Array
logo
Alpha & Omega Semicondu...
AOZ8304 AOSMD-AOZ8304 Datasheet
935Kb / 8P
Low Capacitance 3.3V TVS Diode Array
logo
Littelfuse
SP3374NUTG LITTELFUSE-SP3374NUTG Datasheet
702Kb / 5P
SP3374NUTG 3.3V 40A Diode Array
2019 Littelfuse, Inc
logo
TECH PUBLIC Electronics...
SR3.3 TECHPUBLIC-SR3.3 Datasheet
1Mb / 4P
3.3V Low Capacitance TVS Diode Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com