Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4042 Datasheet (PDF) - Littelfuse

SP4042 Datasheet PDF - Littelfuse
Part # SP4042
Download  SP4042 Download
File Size   2251.13 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4042 Series 3.3V Diode Array

SP4042 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP4042 Datasheet PDF - Littelfuse

Part # SP4042
Download  SP4042 Click to download

File Size   2251.13 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4042 Series 3.3V Diode Array

SP4042 Datasheet (HTML) - Littelfuse




Similar Part No. - SP4042

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4040 LITTELFUSE-SP4040 Datasheet
1Mb / 5P
The SP4040 provides overvoltage protection for applications such as 10/100/1000 Base-T Ethernet and T3/E3 interfaces.
logo
WILLAS ELECTRONIC CORP
SP4040CF WILLAS-SP4040CF Datasheet
351Kb / 2P
40.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Littelfuse
SP4044 LITTELFUSE-SP4044 Datasheet
987Kb / 4P
SP4044 Series 1.5pF 24A Diode Array (HDBaseT)
SP4045 LITTELFUSE-SP4045 Datasheet
984Kb / 4P
SP4045 Series 1.5pF 24A Diode Array (HDBaseT)
SP4045-04ATG LITTELFUSE-SP4045-04ATG Datasheet
2Mb / 4P
TVS Diode Arrays Lightning Surge Protection
More results


Similar Description - SP4042

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LC03-3.3BTG LITTELFUSE-LC03-3.3BTG Datasheet
731Kb / 4P
LC03-3.3 Series 3.3V 150A Diode Array
LC03-3.3 LITTELFUSE-LC03-3.3 Datasheet
1Mb / 4P
LC03-3.3 Series 3.3V 150A Diode Array
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
SP03-3.3 Series 3.3V 150A Diode Array
SP3312T LITTELFUSE-SP3312T Datasheet
780Kb / 4P
SP3312T Series 3.3V 15A Diode Array
SP4065 LITTELFUSE-SP4065 Datasheet
902Kb / 4P
SP4065 Series 3.3V 20A Diode Array
logo
Alpha & Omega Semicondu...
AOZ8304 AOSMD-AOZ8304 Datasheet
935Kb / 8P
Low Capacitance 3.3V TVS Diode Array
logo
Shanghai Leiditech Elec...
RCLAMP3304N LEIDITECH-RCLAMP3304N Datasheet
583Kb / 4P
4-Line 3.3V ESD Protection Diode Array
Rev : 01.06.2021
logo
Littelfuse
SP3374NUTG LITTELFUSE-SP3374NUTG Datasheet
702Kb / 5P
SP3374NUTG 3.3V 40A Diode Array
2019 Littelfuse, Inc
logo
TECH PUBLIC Electronics...
SR3.3 TECHPUBLIC-SR3.3 Datasheet
1Mb / 4P
3.3V Low Capacitance TVS Diode Array
TPESD03Y2S4 TECHPUBLIC-TPESD03Y2S4 Datasheet
1Mb / 4P
3.3V Low Capacitance TVS Diode Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com