Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4044 Datasheet (PDF) - Littelfuse

SP4044 Datasheet PDF - Littelfuse
Part # SP4044
Download  SP4044 Download
File Size   987.22 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4044 Series 1.5pF 24A Diode Array (HDBaseT)

SP4044 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP4044 Datasheet PDF - Littelfuse

Part # SP4044
Download  SP4044 Click to download

File Size   987.22 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP4044 Series 1.5pF 24A Diode Array (HDBaseT)

SP4044 Datasheet (HTML) - Littelfuse




Similar Part No. - SP4044

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4040 LITTELFUSE-SP4040 Datasheet
1Mb / 5P
The SP4040 provides overvoltage protection for applications such as 10/100/1000 Base-T Ethernet and T3/E3 interfaces.
logo
WILLAS ELECTRONIC CORP
SP4040CF WILLAS-SP4040CF Datasheet
351Kb / 2P
40.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Littelfuse
SP4042 LITTELFUSE-SP4042 Datasheet
2Mb / 4P
SP4042 Series 3.3V Diode Array
SP4045 LITTELFUSE-SP4045 Datasheet
984Kb / 4P
SP4045 Series 1.5pF 24A Diode Array (HDBaseT)
SP4045-04ATG LITTELFUSE-SP4045-04ATG Datasheet
2Mb / 4P
TVS Diode Arrays Lightning Surge Protection
More results


Similar Description - SP4044

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R2480G2 FAIRCHILD-ISL9R2480G2 Datasheet
49Kb / 4P
24A, 800V Stealth??Diode
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
logo
Shenzhen Bencent Electr...
BV05C BENCENT-BV05C Datasheet
306Kb / 4P
Ultra low capacitance - 1.5pF maximum
BV08C BENCENT-BV08C Datasheet
305Kb / 4P
Ultra low capacitance - 1.5pF maximum
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
Steering Diode Array Series
logo
Littelfuse
SP4045 LITTELFUSE-SP4045 Datasheet
984Kb / 4P
SP4045 Series 1.5pF 24A Diode Array (HDBaseT)
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
IOGEAR
GVE330 IOGEAR-GVE330 Datasheet
151Kb / 2P
HDBaseT UHD Extender
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com