Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4044 Datasheet(PDF) 1 Page - Littelfuse

Part # SP4044
Description  SP4044 Series 1.5pF 24A Diode Array (HDBaseT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4044 Datasheet(HTML) 1 Page - Littelfuse

  SP4044 Datasheet HTML 1Page - Littelfuse SP4044 Datasheet HTML 2Page - Littelfuse SP4044 Datasheet HTML 3Page - Littelfuse SP4044 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 12/29/16
TVS Diode Arrays (SPA® Diodes)
Lightning Surge Protection- SP4044 Series
Description
Applications
The SP4044 integrates low capacitance diodes with an
additional zener diode to protect each I/O pin against
ESD and high surge events. This robust device can safely
absorb up to 24A per IEC 61000-4-5 2nd edition (tp=8/20μs)
without performance degradation and a minimum ±30kV
ESD per IEC 61000-4-2 International Standard. Their low
loading capacitance also makes them ideal for protecting
high speed signal pins.
Features
• HDBaseT Protector
• 10/100/1000 Ethernet
• 2.5 and 5 Gigabit Ethernet
• T1/E1 Secondary
Protection
• T3/E3 Secondary
Protection
• A/V Equipment
Functional Block Diagram
Pin1
Pin5
Pin7
Pin9
GND
Pins 3,8
Pinout
I/O 1
I/O 2
GND
I/O 3
I/O 4
NC
NC
GND
NC
NC
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
SP4044 Series 1.5pF 24A Diode Array (HDBaseT)
• Signal-integrity-preservingl
straight through routing
• Low leakage current of
1μA (MAX) at 2.8V
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, IEC 61000-4-5
2nd edition, 24A (8/20μs)
• Low capacitance of 1.5pF
(TYP) per I/O
• AEC-Q101 qualified
• Halogen free, Lead free
and RoHS compliant
• Moisture Sensitivity Level
(MSL Level-1)
Additional Information
Datasheet
Samples
Resources


Similar Part No. - SP4044

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4040 LITTELFUSE-SP4040 Datasheet
1Mb / 5P
The SP4040 provides overvoltage protection for applications such as 10/100/1000 Base-T Ethernet and T3/E3 interfaces.
logo
WILLAS ELECTRONIC CORP
SP4040CF WILLAS-SP4040CF Datasheet
351Kb / 2P
40.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Littelfuse
SP4042 LITTELFUSE-SP4042 Datasheet
2Mb / 4P
SP4042 Series 3.3V Diode Array
SP4045 LITTELFUSE-SP4045 Datasheet
984Kb / 4P
SP4045 Series 1.5pF 24A Diode Array (HDBaseT)
SP4045-04ATG LITTELFUSE-SP4045-04ATG Datasheet
2Mb / 4P
TVS Diode Arrays Lightning Surge Protection
More results

Similar Description - SP4044

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R2480G2 FAIRCHILD-ISL9R2480G2 Datasheet
49Kb / 4P
24A, 800V Stealth??Diode
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
logo
Shenzhen Bencent Electr...
BV05C BENCENT-BV05C Datasheet
306Kb / 4P
Ultra low capacitance - 1.5pF maximum
BV08C BENCENT-BV08C Datasheet
305Kb / 4P
Ultra low capacitance - 1.5pF maximum
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
Steering Diode Array Series
logo
Littelfuse
SP4045 LITTELFUSE-SP4045 Datasheet
984Kb / 4P
SP4045 Series 1.5pF 24A Diode Array (HDBaseT)
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
IOGEAR
GVE330 IOGEAR-GVE330 Datasheet
151Kb / 2P
HDBaseT UHD Extender
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com