Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4044 Datasheet(PDF) 2 Page - Littelfuse

Part # SP4044
Description  SP4044 Series 1.5pF 24A Diode Array (HDBaseT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4044 Datasheet(HTML) 2 Page - Littelfuse

  SP4044 Datasheet HTML 1Page - Littelfuse SP4044 Datasheet HTML 2Page - Littelfuse SP4044 Datasheet HTML 3Page - Littelfuse SP4044 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 12/29/16
TVS Diode Arrays (SPA® Diodes)
Lightning Surge Protection- SP4044 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
24
A
P
PK
Peak Pulse Power (t
p=8/20µs)
500
W
T
OP
Operating Temperature
-40 to 125
ºC
T
STOR
Storage Temperature
-55 to 150
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
2.8
V
Snap Back Voltage
V
SB
I
SB=50mA
2.8
V
Reverse Leakage Current
I
LEAK
V
R=2.8V, I/O to GND
0.5
1.0
µA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
5.2
V
I
PP=2A, tp=8/20µs, Fwd
6.0
V
Dynamic Resistance 2
R
DYN
TLP t
p=100ns, Pin 1 to Pin 2
0.22
Ω
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact)
±30
kV
IEC61000-4-2 (Air)
±30
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V
1.5
pF
Note: 1. Parameter is guaranteed by design and/or device characterization.
2. Transmission Line Pulse (TLP) test setting : Std.TDR(50Ω),tp=100ns, tr=0.2ns ITLP and VTLP averaging window: star t1=70ns to end t2=80ns
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature
(Soldering 20-40s)
260
°C
8/20μs Pulse Waveform
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Time (s)
Capacitance vs. Reverse Bias
0
0.5
1
1.5
2
00.4
0.81.2
1.62
2.42.8
Bias Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com