Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPUSB1 Datasheet (PDF) - Littelfuse

SPUSB1 Datasheet PDF - Littelfuse
Part # SPUSB1
Download  SPUSB1 Download
File Size   97.03 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The Littelfuse SPUSB1 Series is a multifunctional USB port protection

SPUSB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPUSB1 Datasheet PDF - Littelfuse

Part # SPUSB1
Download  SPUSB1 Click to download

File Size   97.03 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The Littelfuse SPUSB1 Series is a multifunctional USB port protection

SPUSB1 Datasheet (HTML) - Littelfuse


SPUSB1 Product details

Upstream USB Port Terminator with ESD Suppression & EMI Filtering

The Littelfuse SPUSB1 Series is a multifunctional USB port protection network designed to provide ESD protection, EMI/RFI filtering and line termination for a single USB 1.1 port. The SPUSB1 can replace a minimum of ten typically larger “discrete” devices resulting in inventory and placement cost savings.

Features
• One upstream USB port terminator, EMI filter and transient
   overvoltage protector in a single surface-mount package
• Compact SC70 package saves board space and lowers
   manufacturing costs compared to discrete solutions
• ESD protection to 30kV contact discharge per MIL-STD- 883D,
   method 3015
• ESD protection to 15kV contact discharge per IEC 61000-4-2
   international standard

Applications
• Desktop/Laptop PCs
• USB peripherals (printers, scanners, zip drives)
• PDAs / wireless handsets
• Digital cameras
• MP3 Players
• Cable Modems




Similar Part No. - SPUSB1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPUSB1AJT LITTELFUSE-SPUSB1AJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
SPUSB1BJT LITTELFUSE-SPUSB1BJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
SPUSB1CJT LITTELFUSE-SPUSB1CJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
More results


Similar Description - SPUSB1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
The series provides a specialized asymmetrical dual port overvoltage protection
FBMOV LITTELFUSE-FBMOV Datasheet
656Kb / 3P
The Littelfuse FBMOV Series thermally protected and non-fragmenting varistor represents a new development in circuit protection.
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
The Littelfuse SMOV thermally protected varistor is a self-protected device.
CG6 LITTELFUSE-CG6 Datasheet
706Kb / 4P
The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
159 LITTELFUSE-159 Datasheet
538Kb / 4P
The 159 Series product is a metal fuse clip with pre-installed Littelfuse 461 Series TeleLink짰 fuse
160 LITTELFUSE-160 Datasheet
719Kb / 3P
The 160 Series product is a metal fuse clip with pre-installed Littelfuse 443 Series Fuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
SM20 LITTELFUSE-SM20 Datasheet
720Kb / 4P
The Littelfuse 20mm SMD Series is a surface-mount metal oxide varistor device
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com