Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPUSB1 Datasheet(PDF) 1 Page - Littelfuse

Part # SPUSB1
Description  The Littelfuse SPUSB1 Series is a multifunctional USB port protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPUSB1 Datasheet(HTML) 1 Page - Littelfuse

  SPUSB1 Datasheet HTML 1Page - Littelfuse SPUSB1 Datasheet HTML 2Page - Littelfuse SPUSB1 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
217
www .littelfuse .com
5
TVS Diode Arrays
Upstream USB Port Terminator with ESD Suppression & EMI Filtering
The Littelfuse SPUSB1 Series is a multifunctional USB port protection
network designed to provide ESD protection, EMI/RFI filtering and line
termination for a single USB 1.1 port. The SPUSB1 can replace a mini-
mum of ten typically larger “discrete” devices resulting in inventory and
placement cost savings.
The SPUSB1 Series combines Transient Voltage Suppression (TVS)
avalanche diodes, EMI/RFI filtering components (R1 and C1), and
a1.5kΩ termination resistor (R2). The filtering components are included
to satisfy recommendations in the USB 1.1 specification, and the 1.5kΩ
resistor (R2) is included as a pull-up resistor to VBUS.
The SPUSB1 Series can be used for termination and protection
of“upstream” USB devices such as PDAs, digital cameras, scanners and
hubs which are often at risk from transient voltage surges and
electromagnetic interference from both internal and external sources.
To support a wide range of circuit conditions, Littelfuse offers three
resistance values for the series resistor (R1). The series resistance plus
the USB driver output resistance must be close to the USB cable’s char-
acteristic impedance of 45Ω (90Ω balanced) to minimize transmission
line reflections.
Circuit Diagram
Features
• One upstream USB port terminator, EMI filter and transient
overvoltage protector in a single surface-mount package
• Compact SC70 package saves board space and lowers
manufacturing costs compared to discrete solutions
• ESD protection to 30kV contact discharge per MIL-STD- 883D,
method 3015
• ESD protection to 15kV contact discharge per IEC 61000-4-2
international standard
Applications
• Desktop/Laptop PCs
• USB peripherals (printers, scanners, zip drives)
• PDAs / wireless handsets
• Digital cameras
• MP3 Players
• Cable Modems
Ordering Information
2
C1
GND
1
3
C1
5
6
4
R2
R1
R1
VBUS
SC70-6
DEVICE
BRAND
UFA
UFB
UFC
PKG
TYPE
SC70-6
SC70-6
SC70-6
#/REEL
3000
3000
3000
C1 (pF)
47
47
47
PART
NUMBER
SPUSB1AJT
SPUSB1BJT
SPUSB1CJT
R1 (Ohm)
12
22
33
R2 (KOhm)
1.5
1.5
1.5
SPUSB1 Series


Similar Part No. - SPUSB1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPUSB1AJT LITTELFUSE-SPUSB1AJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
SPUSB1BJT LITTELFUSE-SPUSB1BJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
SPUSB1CJT LITTELFUSE-SPUSB1CJT Datasheet
62Kb / 3P
TVS Diode Arrays - Upstream USB Port Terminator with ESD Suppression & EMI Filtering
More results

Similar Description - SPUSB1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
The series provides a specialized asymmetrical dual port overvoltage protection
FBMOV LITTELFUSE-FBMOV Datasheet
656Kb / 3P
The Littelfuse FBMOV Series thermally protected and non-fragmenting varistor represents a new development in circuit protection.
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
The Littelfuse SMOV thermally protected varistor is a self-protected device.
CG6 LITTELFUSE-CG6 Datasheet
706Kb / 4P
The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
159 LITTELFUSE-159 Datasheet
538Kb / 4P
The 159 Series product is a metal fuse clip with pre-installed Littelfuse 461 Series TeleLink짰 fuse
160 LITTELFUSE-160 Datasheet
719Kb / 3P
The 160 Series product is a metal fuse clip with pre-installed Littelfuse 443 Series Fuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
SM20 LITTELFUSE-SM20 Datasheet
720Kb / 4P
The Littelfuse 20mm SMD Series is a surface-mount metal oxide varistor device
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com