Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPUSB1 Datasheet(PDF) 3 Page - Littelfuse

Part # SPUSB1
Description  The Littelfuse SPUSB1 Series is a multifunctional USB port protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPUSB1 Datasheet(HTML) 3 Page - Littelfuse

  SPUSB1 Datasheet HTML 1Page - Littelfuse SPUSB1 Datasheet HTML 2Page - Littelfuse SPUSB1 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
219
www .littelfuse .com
5
TVS Diode Arrays
Upstream USB Port Terminator with ESD Suppression & EMI Filtering
SPUSB1 Series
B
1
2
3
4
5
6
B
E
HE
c
L
A1
A
D
A2
B
Outline Drawings
SPUSB1AJT - SC70-6
SPUSB1BJT - SC70-6
SPUSB1CJT - SC70-6
Package
Pins
JEDEC
A
A1
A2
B
c
D
E
e
HE
L
SC70-6
6
MO-203 Issue A
mm
inches
min
max
min
max
0.80
1.10
0.031
0.043
0.00
0.10
0.000
0.004
0.70
1.00
0.028
0.039
0.15
0.30
0.006
0.012
0.08
0.25
0.003
0.010
1.85
2.25
0.073
0.089
1.15
1.35
0.045
0.053
2.00
2.40
0.26
0.46
0.65 BSC
0.026 BSC
0.079
0.094
0.010
0.018
PD@70°C
0.2W
# / bag
1000 pcs
# / tape & reel
3,000 pcs
*See device brand for marking information.
M
N
O
P
R
S
T
-
1.60
-
0.063
-
1.30
-
0.052
-
0.65
-
0.026
-
0.70
-
0.058
-
0.35
-
0.014
-
0.90
-
0.035
-
2.50
-
0.098
Recommended Pad Layout
P
T
+
++
+
++
+
S (REF)
N (REF)
M (REF)
O (REF)
R
Mechanical Specifications
Lead Plating
Tin-Lead
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
PACKAGING INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com