Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7411 Datasheet (PDF) - List of Unclassifed Manufacturers

OV7411 Datasheet PDF - List of Unclassifed Manufacturers
Part # OV7411
Download  OV7411 Download
File Size   247.01 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE-CHIP CMOS COLOR PAL CAMERA

OV7411 Datasheet (PDF)

Go To PDF Page Download Datasheet
OV7411 Datasheet PDF - List of Unclassifed Manufacturers

Part # OV7411
Download  OV7411 Click to download

File Size   247.01 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SINGLE-CHIP CMOS COLOR PAL CAMERA

OV7411 Datasheet (HTML) - List of Unclassifed Manufacturers


OV7411 Product details

General Description

The OV7910P (color) and OV7410P/OV7411P (black and white) Single-chip CMOS camera devices are designed to provide a high level of functionality in a single small-footprint package. Both devices support composite video and S-Video. The OV7910P imager also provides RGB and YCrCb video signals, and each device directly interfaces with a VCR TV monitor or other 75 ohm terminated input. A minimum of external components are required to complete a fully functional camera subsystem. The OV7910P/OV7410P/OV7411P video cameras require only a single 5-volt DC supply and have been designed for very low power operation. These products are ideal for

all applications requiring a small footprint, low voltage, low power and low cost color or black and white video camera.



Features

Single-chip 1/3 inch format video camera

  — High-sensitivity version (OV7411P)

Composite video: PAL or S-Video

Component video: RGB or YUV

Sensitivity boost (+18 dB) /AGC on-off

Automatic exposure/gain/white balance

External frame sync capability

Aperture correction

I2C programmable:

— color sat., brightness, contrast, white balance, exposure time, gain

Gamma correction (0.45)-On/Off

Low power consumption

+5 volt-only power suPly



Video Conferencing

Video Phones

Video e-mail

PC Multimedia

Toys

Security

Surveillance




Similar Part No. - OV7411

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7140 OMNIVISION-OV7140 Datasheet
402Kb / 18P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM
Version 1.3, January 15, 2003
logo
List of Unclassifed Man...
OV7141 ETC1-OV7141 Datasheet
291Kb / 20P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
logo
OmniVision Technologies...
OV7251 OMNIVISION-OV7251 Datasheet
703Kb / 2P
supports 2x2 monochrome binning
OV7251 OMNIVISION-OV7251 Datasheet
2Mb / 125P
CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
version 2.12
OV7261 OMNIVISION-OV7261 Datasheet
656Kb / 2P
supports 2x2 monochrome binning
More results


Similar Description - OV7411

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52038ASP MITSUBISHI-M52038ASP Datasheet
586Kb / 10P
PAL SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52043SP MITSUBISHI-M52043SP Datasheet
584Kb / 10P
PAL-M SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
Color Encoder IC NTSC/PAL for CCD Video Camera
logo
Sanyo Semicon Device
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
List of Unclassifed Man...
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
CMOS COLOR DIGITAL VIDEO CAMERA
logo
ON Semiconductor
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com