Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC837UG Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC837UG Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC837UG
Download  VSC837UG Download
File Size   340.77 Kbytes
Page   26 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 3.2Gb/s 68x68 Crosspoint Switch

VSC837UG Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC837UG Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC837UG
Download  VSC837UG Click to download

File Size   340.77 Kbytes
Page   26 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 3.2Gb/s 68x68 Crosspoint Switch

VSC837UG Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC837UG Product details

General Description
The VSC837 is a monolithic 68x68 asynchronous crosspoint switch, designed to carry broadband data streams. The non-blocking switch core is programmed through a triple-mode port interface that allows random access programming of each input/output port. A high degree of signal integrity is maintained throughout the chip via fully differential signal paths.
   
Features
• 68 Input by 68 Output Crosspoint Switch
• 3.2Gb/s NRZ Data Bandwidth
• 66MHz Multi-Mode Programming Port
• TTL/2.5V CMOS Control I/O (3.3V tolerant)
• Programmable On-Chip I/O Termination
• Input Signal Activity (ISA) Monitoring Function
• Integrated Signal Equalization (ISE) for
    Deterministic Jitter Reduction
• Single 2.5V Supply
• Differential CML Output Driver
• 11W typ/14W max (low drive mode)
    13W typ/16W max (high drive mode)
• Hard and Soft Power-Down for Unused Channels
• High Performance 37.5mm, 480 TBGA Package
   




Similar Part No. - VSC837UG

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC830QZ VITESSE-VSC830QZ Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC834UB VITESSE-VSC834UB Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
34x34 Crosspoint Switch with Signal Detection
More results


Similar Description - VSC837UG

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC838 VITESSE-VSC838 Datasheet
296Kb / 20P
3.2Gb/s 36x37 Crosspoint Switch
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
3.6Gb/s 144x144 Asynchronous Crosspoint Switch
logo
Agilent(Hewlett-Packard...
HDMP-3268 HP-HDMP-3268 Datasheet
162Kb / 18P
3.2 Gbit/sec 68x68 Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
logo
Semtech Corporation
GX4002 SEMTECH-GX4002 Datasheet
3Mb / 74P
GX4002 2x2 14.025Gb/s Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com