Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC837UG Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC837UG
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837UG Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC837UG Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
Page 2
G52309-0, Rev 3.0
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Functional Block Diagram
Functional Description
Input / Output Characteristics
All input data must be differential and should be nominally biased to +2.0V or AC-coupled. Other levels
are allowed as described under the Input Termination section. On-chip terminations are provided, with a nomi-
nal impedance of 100
Ω differential. All input termination resistors float with an internal bias provided for AC-
coupling.
For direct interconnection of multiple VSC837 devices, a CML termination mode is provided by tying the
ITC pin to VCC, which ties the center point of the 100Ω termination to VCC, causing the terminations to act as
loads for an open-drain or open-collector differential output.
Data outputs are provided through differential current switches with on-chip back-termination. The output
circuit is capable of driving external 50
Ω far-end termination (recommended). The output back-terminations are
electronically switchable to enable a power savings of 2W (max) by reducing the output driver current.
68x69 Switch Core
Core Program Registers
CONFIG
INITB
Internal 69th Output
A, AN[0:67]
Y, YN[0:67]
Program Memory
Program Interface
Activity
Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com