Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC837UG Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC837UG
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837UG Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC837UG Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
G52309-0, Rev 3.0
Page 21
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VCC
AF26
Positive Power Supply
2.5V
VCC
AF27
Positive Power Supply
2.5V
VCC
AF28
Positive Power Supply
2.5V
VCC
AF29
Positive Power Supply
2.5V
VCC
AF3
Positive Power Supply
2.5V
VCC
AF4
Positive Power Supply
2.5V
VCC
AF5
Positive Power Supply
2.5V
VCC
AG1
Positive Power Supply
2.5V
VCC
AG2
Positive Power Supply
2.5V
VCC
AG25
Positive Power Supply
2.5V
VCC
AG26
Positive Power Supply
2.5V
VCC
AG27
Positive Power Supply
2.5V
VCC
AG28
Positive Power Supply
2.5V
VCC
AG29
Positive Power Supply
2.5V
VCC
AG3
Positive Power Supply
2.5V
VCC
AG4
Positive Power Supply
2.5V
VCC
AG5
Positive Power Supply
2.5V
VCC
AH1
Positive Power Supply
2.5V
VCC
AH2
Positive Power Supply
2.5V
VCC
AH25
Positive Power Supply
2.5V
VCC
AH26
Positive Power Supply
2.5V
VCC
AH27
Positive Power Supply
2.5V
VCC
AH28
Positive Power Supply
2.5V
VCC
AH29
Positive Power Supply
2.5V
VCC
AH3
Positive Power Supply
2.5V
VCC
AH4
Positive Power Supply
2.5V
VCC
AH5
Positive Power Supply
2.5V
VCC
AJ1
Positive Power Supply
2.5V
VCC
AJ2
Positive Power Supply
2.5V
VCC
AJ25
Positive Power Supply
2.5V
VCC
AJ26
Positive Power Supply
2.5V
VCC
AJ27
Positive Power Supply
2.5V
VCC
AJ28
Positive Power Supply
2.5V
VCC
AJ29
Positive Power Supply
2.5V
VCC
AJ3
Positive Power Supply
2.5V
VCC
AJ4
Positive Power Supply
2.5V
VCC
AJ5
Positive Power Supply
2.5V
VCC
B1
Positive Power Supply
2.5V
VCC
B2
Positive Power Supply
2.5V
Signal Name
Pin
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com