Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC837UG Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC837UG
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837UG Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC837UG Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC837UG Datasheet HTML 23Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
G52309-0, Rev 3.0
Page 19
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
YN65
AC5
High-Speed Data Output Channel 65, Complement
CML
YN66
AC25
High-Speed Data Output Channel 66, Complement
CML
YN67
AC1
High-Speed Data Output Channel 67, Complement
CML
Control Pins
ACTCLK
AD2
Clock for Activity Monitor (<10MHz)
TTL
ACTIVITY
AD1
ActivityResult from Previous ACTCLK Period
TTL
ALE_SCN
AD25
Address Latch Enable for Multiplexed Parallel Mode; Scan Enable for Serial
Mode. See Figures 2 through 6 for Proper Use.
TTL
BURST
AH6
Logic HIGH sets Burst Mode
TTL
CMV
AD3
Output Drive Current Control (leave floating)
ANALOG
CONFIG
F27
Logic HIGH Transfers Programming to Main Program Memory
TTL
CSB
AF6
Chip Select (active LOW)
TTL
DRIVE_CTRL
AD4
Output Drive Current Switch (LOW = 10mA, HIGH = 20mA)
TTL
INCHAN0_SDIN
AG24
Input Channel, Bit 0 and Serial Data in Serial Mode
TTL
INCHAN1_SCLK
AF24
Input Channel, Bit 1 and Serial Clock in Serial Mode
TTL
INCHAN2
AE24
Input Channel, Bit 2
TTL
INCHAN3
AH24
Input Channel, Bit 3
TTL
INCHAN4
AJ24
Input Channel, Bit 4
TTL
INCHAN5
AD27
Input Channel, Bit 5
TTL
INCHAN6
AD26
Input Channel, Bit 6
TTL
INITB
AJ6
INITB=0 Forces “Straight-Through” Program
TTL
ITC
AD29
Input Termination Control (GND = floating input termination,
VCC = CML mode. See Table 7).
ANALOG
LOAD
AD28
Rising Edge Writes Data in Parallel and Burst Modes,
See Figure 5 for Serial Mode
TTL
OUTCHAN0
F1
Output Channel, Bit 0
TTL
OUTCHAN1
F2
Output Channel, Bit 1
TTL
OUTCHAN2
F5
Output Channel, Bit 2
TTL
OUTCHAN3
F4
Output Channel, Bit 3
TTL
OUTCHAN4
F3
Output Channel, Bit 4
TTL
OUTCHAN5
A6
Output Channel, Bit 5
TTL
OUTCHAN6
B6
Output Channel, Bit 6
TTL
OUTCHAN7
E6
Output Channel, Bit 7 (burst mode only)
TTL
OUTCHAN8
D6
Output Channel, Bit 8 (burst mode only)
TTL
OUTCHAN9
C6
Output Channel, Bit 9 (burst mode only)
TTL
OUTCHAN10
A24
Output Channel, Bit 10 (burst mode only)
TTL
OUTCHAN11
B24
Output Channel, Bit 11 (burst mode only)
TTL
OUTCHAN12
E24
Output Channel, Bit 12 (burst mode only)
TTL
OUTCHAN13
D24
Output Channel, Bit 13 (burst mode only)
TTL
Signal Name
Pin
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com