Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSGT677 Datasheet (PDF) - OSRAM GmbH

LSGT677 Datasheet PDF - OSRAM GmbH
Part # LSGT677
Download  LSGT677 Download
File Size   392.8 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description white SMT package, colorless clear resin

LSGT677 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSGT677 Datasheet PDF - OSRAM GmbH

Part # LSGT677
Download  LSGT677 Click to download

File Size   392.8 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description white SMT package, colorless clear resin

LSGT677 Datasheet (HTML) - OSRAM GmbH


LSGT677 Product details

Multi TOPLED® Cathodes On One Side
Lead (Pb) Free Product - RoHS Compliant

LSG T677 obsolete acc. to OS-PD-2006-009 - will be replaced by LSG T676.

Features
• package: white SMT package, colorless clear resin
• feature of the device: 2 chips can be controlled separately
• wavelength: 628 nm (super-red), 570 nm (green)
• viewing angle: Lambertian Emitter (120°)
• technology: GaAlP
• optical efficiency: 1.5 lm/W (super-red), 2.5 lm/W (green)
• grouping parameter: luminous intensity
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm

Applications
• optical indicators
• coupling into light guides
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)
• interior automotive lighting (e.g. dashboard backlighting, etc.)




Similar Part No. - LSGT677

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSGT677 SIEMENS-LSGT677 Datasheet
484Kb / 7P
Multi TOPLED Cathodes On One Side
LSGT677-HK SIEMENS-LSGT677-HK Datasheet
484Kb / 7P
Multi TOPLED Cathodes On One Side
LSGT677-J SIEMENS-LSGT677-J Datasheet
484Kb / 7P
Multi TOPLED Cathodes On One Side
LSGT677-JL SIEMENS-LSGT677-JL Datasheet
484Kb / 7P
Multi TOPLED Cathodes On One Side
LSGT677-K SIEMENS-LSGT677-K Datasheet
484Kb / 7P
Multi TOPLED Cathodes On One Side
More results


Similar Description - LSGT677

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
white SMT package, colorless clear resin
LA-M676 OSRAM-LA-M676 Datasheet
505Kb / 20P
white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
white SMT package, colorless clear resin
LG-Y876 OSRAM-LG-Y876 Datasheet
962Kb / 22P
white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
white SMT package, colorless clear resin
LO-A67F OSRAM-LO-A67F Datasheet
521Kb / 21P
white SMT package, colorless clear resin
LO-P47F OSRAM-LO-P47F Datasheet
525Kb / 22P
white SMT package, colorless clear resin
LO-T770 OSRAM-LO-T770 Datasheet
429Kb / 19P
white SMT package, colorless clear resin
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com