Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSGT677 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LSGT677
Description  white SMT package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSGT677 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LSGT677 Datasheet HTML 3Page - OSRAM GmbH LSGT677 Datasheet HTML 4Page - OSRAM GmbH LSGT677 Datasheet HTML 5Page - OSRAM GmbH LSGT677 Datasheet HTML 6Page - OSRAM GmbH LSGT677 Datasheet HTML 7Page - OSRAM GmbH LSGT677 Datasheet HTML 8Page - OSRAM GmbH LSGT677 Datasheet HTML 9Page - OSRAM GmbH LSGT677 Datasheet HTML 10Page - OSRAM GmbH LSGT677 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LSG T677
2006-10-04
7
Durchlassstrom
6) 7) Seite 15
Forward Current
6) 7)
page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
6) Seite 15
Relative Luminous Intensity
6)
page 15
I
V/IV(10 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
6) Seite 15
Relative Luminous Intensity
6)
page 15
I
V/IV(25 °C) = f (Tj); IF = 10 mA
10 -1
V
5
OHL01263
I
F
F
V
0
10
1
10
2
10
5
mA
1
1.4
1.8
2.2
2.6
3
3.4
V
V (10 mA)
10 -1
0
10
10 12
10
mA
10 -3
5
OHL01703
F
I
5
-2
10
5
-1
10
0
10
1
10
I
I
55
green
super-red
green
super-red
0
OHL01708
˚C
j
T
0
20
40
60
80
100
V
V (25 ˚C)
I
I
0.4
0.8
1.2
1.6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com