Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIIPM25P12B008 Datasheet (PDF) - International Rectifier

PIIPM25P12B008 Datasheet PDF - International Rectifier
Part # PIIPM25P12B008
Download  PIIPM25P12B008 Download
File Size   1002.54 Kbytes
Page   28 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description NPT IGBTs 25A, 1200V

PIIPM25P12B008 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIIPM25P12B008 Datasheet PDF - International Rectifier

Part # PIIPM25P12B008
Download  PIIPM25P12B008 Click to download

File Size   1002.54 Kbytes
Page   28 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description NPT IGBTs 25A, 1200V

PIIPM25P12B008 Datasheet (HTML) - International Rectifier




Similar Part No. - PIIPM25P12B008

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
Programmable Isolated IPM
PIIPM50E06A004 IRF-PIIPM50E06A004 Datasheet
963Kb / 28P
Programmable Isolated IPM
PIIPM50E06A004X IRF-PIIPM50E06A004X Datasheet
963Kb / 28P
Programmable Isolated IPM
PIIPM50E06B004 IRF-PIIPM50E06B004 Datasheet
963Kb / 28P
Programmable Isolated IPM
PIIPM50E06B004X IRF-PIIPM50E06B004X Datasheet
963Kb / 28P
Programmable Isolated IPM
More results


Similar Description - PIIPM25P12B008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
International Rectifier
EMP25P12B IRF-EMP25P12B Datasheet
1Mb / 15P
NPT IGBTs 25A, 1200V
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
1200V, 25A, Trench NPT IGBT
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
logo
Wuxi NCE Power Semicond...
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
1200V, 25A, Trench NPT IGBT
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com