Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT8021 Datasheet (PDF) - SiTime Corp.

SIT8021 Datasheet PDF - SiTime Corp.
Part # SIT8021
Download  SIT8021 Download
File Size   415.93 Kbytes
Page   10 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1 to 26 MHz, Ultra-Small uPower Oscillator

SIT8021 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIT8021 Datasheet PDF - SiTime Corp.

Part # SIT8021
Download  SIT8021 Click to download

File Size   415.93 Kbytes
Page   10 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1 to 26 MHz, Ultra-Small uPower Oscillator

SIT8021 Datasheet (HTML) - SiTime Corp.




Similar Part No. - SIT8021

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8008 SITIME-SIT8008 Datasheet
335Kb / 12P
Low Power Programmable Oscillator
SIT8008AC-11-18E SITIME-SIT8008AC-11-18E Datasheet
335Kb / 12P
Low Power Programmable Oscillator
SIT8008AC-11-18S SITIME-SIT8008AC-11-18S Datasheet
335Kb / 12P
Low Power Programmable Oscillator
SIT8008AC-11-25E SITIME-SIT8008AC-11-25E Datasheet
335Kb / 12P
Low Power Programmable Oscillator
SIT8008AC-11-25S SITIME-SIT8008AC-11-25S Datasheet
335Kb / 12P
Low Power Programmable Oscillator
More results


Similar Description - SIT8021

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
logo
SiTime Corp.
SIT9005 SITIME-SIT9005 Datasheet
338Kb / 9P
1 to 141 MHz EMI Reduction Oscillator
SIT9366 SITIME-SIT9366 Datasheet
375Kb / 12P
1 to 220 MHz Ultra-low Jitter Differential Oscillator
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
SIT1569 SITIME-SIT1569 Datasheet
686Kb / 7P
uPower, Ultra-Small 1 Hz - 460 kHz (-)50 ppm Oscillator
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
SIT1579 SITIME-SIT1579 Datasheet
705Kb / 8P
1.2mm2 uPower, Low-Jitter, 1Hz ??2.5 MHz Oscillator
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com