Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT8021 Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT8021
Description  1 to 26 MHz, Ultra-Small uPower Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8021 Datasheet(HTML) 2 Page - SiTime Corp.

  SIT8021 Datasheet HTML 1Page - SiTime Corp. SIT8021 Datasheet HTML 2Page - SiTime Corp. SIT8021 Datasheet HTML 3Page - SiTime Corp. SIT8021 Datasheet HTML 4Page - SiTime Corp. SIT8021 Datasheet HTML 5Page - SiTime Corp. SIT8021 Datasheet HTML 6Page - SiTime Corp. SIT8021 Datasheet HTML 7Page - SiTime Corp. SIT8021 Datasheet HTML 8Page - SiTime Corp. SIT8021 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SiT8021 1 to 26 MHz, Ultra-Small µPower Oscillator
Rev 1.2
Page 2 of 10
www.sitime.com
Table 1. Electrical Characteristics (continuous)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Condition
LVCMOS Output Characteristics
Duty Cycle
DC
45
–
55
%
Rise/Fall Time
[3]
T_r, T_f
–
4
8
ns
Vdd = 1.8V, 20% - 80%. Contact SiTime for other
programmable rise/fall options
–
–
8
ns
Vdd = 2.25V to 3.63V, 20% - 80%. Contact SiTime for other
programmable rise/fall options
Output High Voltage
VOH
90%
–
–
VDD
IOH = -0.5 mA (Vdd = 1.8V)
IOH = -1.2 mA (Vdd = 2.25V to 3.63V)
Output Low Voltage
VOL
–
–
10%
VDD
IOL = 0.5 mA (Vdd = 1.8V)
IOL = 1.2 mA (Vdd = 2.25V to 3.63V)
Input Characteristics
Input High Voltage
VIH
80%
–
–
VDD
Input Low Voltage
VIL
–
–
20%
VDD
Input Slew Rate
In-slew
10
–
–
V/µs
Input Pull-down Impedance
Z_in
300
–
–
kΩ
Active mode (ST pin = LOW), Vdd = 1.8V
270
–
–
kΩ
Active mode (ST pin = LOW), Vdd = 2.25V to 3.63V
2.5
–
–
MΩ
Standby mode (ST pin = HIGH), Vdd = 1.8V
1.3
–
–
MΩ
Standby mode (ST pin = HIGH), Vdd = 2.25V to 3.63V
Startup, Standby and Resume Timing
Startup Time
T_start
–
75
150
ms
Measured from the time VDD reaches 90% of its final value
Standby Time
T_stdby
–
–
20
µs
Measured from the time ST pin crosses 50% threshold
Resume Time
T_resume
–
2
3
ms
Measured from the time ST pin crosses 50% threshold
Jitter
RMS Period Jitter
[3]
T_jitt
–
75
110
ps
f = 6.144 MHz, Vdd = 1.8V
–
–
110
ps
f = 6.144 MHz, Vdd = 2.25V to 3.63V
RMS Phase Jitter
[3]
T_phj
–
0.8
2.5
ns
f = 6.144 MHz, Vdd = 1.8V,
Integration bandwidth = 100 Hz to 40 kHz
[2]
–
–
2.5
ns
f = 6.144 MHz, Vdd = 2.25V to 3.63V,
Integration bandwidth = 100 Hz to 40 kHz
[2]
Notes:
1.
Current consumption with load is a function of the output frequency and output load. For any given output frequency, the capacitive loading will increase
current consumption equal to C_load*VDD*f(MHz).
2.
Max spec inclusive of 25 mV peak-to-peak sinusoidal noise on VDD. Noise frequency 100 Hz to 20 MHz.
3.
Refer to the performance plot section for typical values at 2.5, 2.8, 3.0 and 3.3V condition
Table 2. Pin Description
Pin
Symbol
Functionality
1
ST
Input
L: Specified frequency output
H: Output is low (weak pull down). Device goes to the standby mode.
Supply current reduces to I_std.
2
OUT
Output
LVCMOS clock output
3
VDD
Power
Supply voltage. Bypass with a 0.01µF X7R capacitor.
4
GND
Power
Connect to ground
Top View
GND
VDD
OUT
ST
1
4
2
3
Figure 1. Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com