Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT8021 Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT8021
Description  1 to 26 MHz, Ultra-Small uPower Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8021 Datasheet(HTML) 3 Page - SiTime Corp.

  SIT8021 Datasheet HTML 1Page - SiTime Corp. SIT8021 Datasheet HTML 2Page - SiTime Corp. SIT8021 Datasheet HTML 3Page - SiTime Corp. SIT8021 Datasheet HTML 4Page - SiTime Corp. SIT8021 Datasheet HTML 5Page - SiTime Corp. SIT8021 Datasheet HTML 6Page - SiTime Corp. SIT8021 Datasheet HTML 7Page - SiTime Corp. SIT8021 Datasheet HTML 8Page - SiTime Corp. SIT8021 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SiT8021 1 to 26 MHz, Ultra-Small µPower Oscillator
Rev 1.2
Page 3 of 10
www.sitime.com
Table 3. Absolute Maximum Limits
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part.
Actual performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Test Condition
Value
Unit
Continuous Power Supply Voltage Range (VDD)
-0.5 to 3.63
V
Short Duration Maximum Power Supply Voltage (VDD)
<30 seconds
4.0
V
Continuous Maximum Operating Temperature
105
°C
Short Duration Maximum Operating Temperature
≤30 seconds
125
°C
Human Body Model (HBM) ESD Protection
JESD22-A115
2000
V
Charge-Device Model (CDM) ESD Protection
JESD22-C101
750
V
Machine Model (MM) ESD Protection
TA = 25°C
200
V
Latch-up Tolerance
JESD78 Compliant
Mechanical Shock Resistance
MII 883, Method 2002
10,000
g
Mechanical Vibration Resistance
MII 883, Method 2007
70
g
1508 CSP Junction Temperature
150
°C
Storage Temperature
-65 to 150
°C
Soldering Temperature (follow standard Pb free soldering guidelines)
–
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com