Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8450 Datasheet (PDF) - Allegro MicroSystems

A8450 Datasheet PDF - Allegro MicroSystems
Part # A8450
Download  A8450 Download
File Size   549.21 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Automotive Multioutput Voltage Regulator

A8450 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8450 Datasheet PDF - Allegro MicroSystems

Part # A8450
Download  A8450 Click to download

File Size   549.21 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Automotive Multioutput Voltage Regulator

A8450 Datasheet (HTML) - Allegro MicroSystems


A8450 Product details

FEATURES
„ 6 V to 45 V input range
„ dc-to-dc buck converter with 5.7 V output
„ Overcurrent protection with foldback, and undervoltage lockout (UVLO)
„ Dual 5 V outputs
– Digital 5 V ±2%, 200 mA
– Analog 5 V, 200 mA
– Short-to-supply protection on analog regulator
– Analog to digital regulator output tracking < 0.5%, throughout
operating temperature range
„ 3.3 V linear regulator, with foldback current limit
„ Adjustable 1.2 V to 3.3 V linear regulator, adjustable foldback current limit
„ Ignition switch enable; Sleep mode
„ 100% duty cycle operation for low input voltages
„ Power OK output
„ –40°C to 135°C ambient operating temperature range




Similar Part No. - A8450

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
Automotive Multioutput Voltage Regulator
More results


Similar Description - A8450

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3325 MOTOROLA-MC3325 Datasheet
121Kb / 3P
Automotive Voltage Regulator
logo
Allegro MicroSystems
A8450 ALLEGRO-A8450 Datasheet
554Kb / 17P
Automotive Multioutput Voltage Regulator
logo
ON Semiconductor
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
logo
Seiko Instruments Inc
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
STMicroelectronics
L5050S STMICROELECTRONICS-L5050S Datasheet
919Kb / 20P
5 V low drop linear voltage regulator for automotive application
15-Apr-2019
L9914 STMICROELECTRONICS-L9914 Datasheet
389Kb / 13P
All silicon automotive voltage regulator
logo
Diodes Incorporated
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com