Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050S Datasheet (PDF) - STMicroelectronics

L5050S Datasheet PDF - STMicroelectronics
Part # L5050S
Download  L5050S Download
File Size   919.36 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V low drop linear voltage regulator for automotive application

L5050S Datasheet (PDF)

Go To PDF Page Download Datasheet
L5050S Datasheet PDF - STMicroelectronics

Part # L5050S
Download  L5050S Click to download

File Size   919.36 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V low drop linear voltage regulator for automotive application

L5050S Datasheet (HTML) - STMicroelectronics


L5050S Product details

Description
The L5050S is a 5 V low dropout linear voltage regulator suitable for automotive applications, available in a SO-8 package. The LDO delivers up to 50 mA of load current, and consumes as low as 5 µA of quiescent current with device disabled. High output voltage accuracy (±2%) is kept over wide temperature range, line and load variation. Enable feature allows output enabling or disabling. The maximum input voltage is 40 V. The regulator output current is internally limited and the device is protected against short circuit, overload and over temperature conditions. In addition, only low value ceramic capacitor on output is required for stability. L5050S Max DC supply voltage VS 40 V Max output voltage tolerance ∆Vo +/-2% Max dropout voltage Vdp 500 mV Output current Io 50 mA Quiescent current Iqn 5 µA (1) 1. Typical value valid with En=LOW. 62




Similar Part No. - L5050S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5050SDTR STMICROELECTRONICS-L5050SDTR Datasheet
770Kb / 25P
Single and dual isolated 5 V low drop linear voltage regulators for automotive application
26-Jul-2022
L5050STR STMICROELECTRONICS-L5050STR Datasheet
770Kb / 25P
Single and dual isolated 5 V low drop linear voltage regulators for automotive application
26-Jul-2022
More results


Similar Description - L5050S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
STMicroelectronics
L5050 STMICROELECTRONICS-L5050 Datasheet
770Kb / 25P
Single and dual isolated 5 V low drop linear voltage regulators for automotive application
26-Jul-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com