Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050S Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5050S
Description  5 V low drop linear voltage regulator for automotive application
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5050S Datasheet HTML 4Page - STMicroelectronics L5050S Datasheet HTML 5Page - STMicroelectronics L5050S Datasheet HTML 6Page - STMicroelectronics L5050S Datasheet HTML 7Page - STMicroelectronics L5050S Datasheet HTML 8Page - STMicroelectronics L5050S Datasheet HTML 9Page - STMicroelectronics L5050S Datasheet HTML 10Page - STMicroelectronics L5050S Datasheet HTML 11Page - STMicroelectronics L5050S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
L5050S
8/20
DS12548 Rev 3
2.3
Electrical characteristics curves
Figure 3. Output voltage vs. Tj
Figure 4. Output voltage vs. Vs
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
‐60 ‐50 ‐40 ‐30 ‐20 ‐10 0
10 2030 40 5060 708090 100 110
Tj (C)
Io = 50mA
Vs = 13.5V
Figure 5. Output voltage vs. VEn
Figure 6. Drop voltage vs. output current
0
1
2
3
4
5
6
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
VEn (V)
Vs = 13.5V
Ta = 22ºC
Figure 7. Current consumption vs. output
current
Figure 8. Current consumption vs. output
current (at light condition)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
10
15
20
25
30
35
40
45
50
Io (mA)
Vs = 13.5V
Ta = 22 ºC
En = HIGH
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Io (mA)
Vs = 13.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com