Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050S Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5050S
Description  5 V low drop linear voltage regulator for automotive application
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050S Datasheet(HTML) 1 Page - STMicroelectronics

  L5050S Datasheet HTML 1Page - STMicroelectronics L5050S Datasheet HTML 2Page - STMicroelectronics L5050S Datasheet HTML 3Page - STMicroelectronics L5050S Datasheet HTML 4Page - STMicroelectronics L5050S Datasheet HTML 5Page - STMicroelectronics L5050S Datasheet HTML 6Page - STMicroelectronics L5050S Datasheet HTML 7Page - STMicroelectronics L5050S Datasheet HTML 8Page - STMicroelectronics L5050S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
April 2019
DS12548 Rev 3
1/20
L5050S
5 V low drop linear voltage regulator for automotive application
Datasheet
- production data
Features
 AEC-Q100 qualified
 Operating DC supply voltage range 5.6 V to 
40 V
 Low dropout voltage
 Low quiescent current consumption
 Precision output voltage 5 V ±2%
 Enable input for enabling/disabling the voltage
regulator
 Thermal shutdown and short circuit protection
 Wide temperature range (Tj = -40°C to 150°C)
Description
The L5050S is a 5 V low dropout linear voltage
regulator suitable for automotive applications,
available in a SO-8 package. The LDO delivers
up to 50 mA of load current, and consumes as low
as 5 µA of quiescent current with device disabled.
High output voltage accuracy (±2%) is kept over
wide temperature range, line and load variation.
Enable feature allows output enabling or
disabling. The maximum input voltage is 40 V.
The regulator output current is internally limited
and the device is protected against short circuit,
overload and over temperature conditions. In
addition, only low value ceramic capacitor on
output is required for stability.
L5050S
Max DC supply voltage
VS
40 V
Max output voltage tolerance
∆V
o
+/-2%
Max dropout voltage
Vdp
500 mV
Output current
Io
50 mA
Quiescent current
Iqn
5 µA (1)
1. Typical value valid with En=LOW.
Table 1. Device summary
Package
Order codes
Tape & reel
SO-8
L5050STR
www.st.com


Similar Part No. - L5050S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5050SDTR STMICROELECTRONICS-L5050SDTR Datasheet
770Kb / 25P
Single and dual isolated 5 V low drop linear voltage regulators for automotive application
26-Jul-2022
L5050STR STMICROELECTRONICS-L5050STR Datasheet
770Kb / 25P
Single and dual isolated 5 V low drop linear voltage regulators for automotive application
26-Jul-2022
More results

Similar Description - L5050S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
STMicroelectronics
L5050 STMICROELECTRONICS-L5050 Datasheet
770Kb / 25P
Single and dual isolated 5 V low drop linear voltage regulators for automotive application
26-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com