Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7387Q Datasheet (PDF) - Diodes Incorporated

AP7387Q Datasheet PDF - Diodes Incorporated
Part # AP7387Q
Download  AP7387Q Download
File Size   1475.62 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR

AP7387Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7387Q Datasheet PDF - Diodes Incorporated

Part # AP7387Q
Download  AP7387Q Click to download

File Size   1475.62 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR

AP7387Q Datasheet (HTML) - Diodes Incorporated


AP7387Q Product details

Features
- Wide Input Voltage Range: 5V to 60V
- Maximum Output Current: 150mA
- Dropout Voltage:
VDROP = 700mV @IOUT = 100mA (Typ.)
VDROP = 1100mV @IOUT = 150mA (Typ.)
- Low Quiescent Current: 2μA (Typ.)
- High Output Voltage Accuracy: ±2%
- High PSRR: 70dB @1kHz
- Excellent Line/Load Regulation
- Thermal Shutdown Function
- Short Current Protection Function
- Output Current Limit
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen- and Antimony-Free. “Green” Device (Note 3)
- The AP7387Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
- Powering MCUs and CAN/LIN transceivers
- Automotive head units
- EV and HEV battery management systems
- Body control modules
- Transmission control units (TCUs)




Similar Part No. - AP7387Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7387-30SA-7 DIODES-AP7387-30SA-7 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7387-30W5-7 DIODES-AP7387-30W5-7 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7387-30Y-13 DIODES-AP7387-30Y-13 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7387-30YR-13 DIODES-AP7387-30YR-13 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Similar Description - AP7387Q

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com