Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U635H64 Datasheet (PDF) - List of Unclassifed Manufacturers

U635H64 Datasheet PDF - List of Unclassifed Manufacturers
Part # U635H64
Download  U635H64 Download
File Size   209.15 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description POWER STORE 8K X 8 NVSRAM

U635H64 Datasheet (PDF)

Go To PDF Page Download Datasheet
U635H64 Datasheet PDF - List of Unclassifed Manufacturers

Part # U635H64
Download  U635H64 Click to download

File Size   209.15 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description POWER STORE 8K X 8 NVSRAM

U635H64 Datasheet (HTML) - List of Unclassifed Manufacturers


U635H64 Product details

[Zentrum]

Description
The U635H64 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

Features
❐ High-performance CMOS nonvolatile static RAM 8192 x 8 bits
❐ 25, 35 and 45 ns Access Times
❐ 12, 20 and 25 ns Output Enable Access Times
❐ ICC = 15 mA at 200 ns Cycle Time
❐ Automatic STORE to EEPROM on Power Down using system capacitance
❐ Software initiated STORE (STORE Cycle Time < 10 ms)
❐ Automatic STORE Timing
❐ 105 STORE cycles to EEPROM
❐ 10 years data retention in EEPROM
❐ Automatic RECALL on Power Up
❐ Software RECALL Initiation (RECALL Cycle Time < 20 µs)
❐ Unlimited RECALL cycles from EEPROM
❐ Single 5 V ± 10 % Operation
❐ Operating temperature ranges:
    0 to 70 °C
    -40 to 85 °C
❐ QS 9000 Quality Standard
❐ ESD characterization accordingMIL STD 883C M3015.7-HBM (classification see IC Code Numbers)
❐ RoHS compliance and Pb- free
❐ Packages:PDIP28 (600 mil)
                     SOP28 (330 mil)




Similar Part No. - U635H64

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
U635H64BD1C25 SIMTEK-U635H64BD1C25 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
U635H64BD1C25G1 SIMTEK-U635H64BD1C25G1 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
U635H64BD1C35 SIMTEK-U635H64BD1C35 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
U635H64BD1C35G1 SIMTEK-U635H64BD1C35G1 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
More results


Similar Description - U635H64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
8K x 8 AutoStore nvSRAM
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
SoftStore 8K x 8 nvSRAM
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
HardStore 8K x 8 nvSRAM
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
PowerStore 8K x 8 nvSRAM
U63764 ETC1-U63764 Datasheet
136Kb / 14P
CapStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
SoftStore 8K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
PowerStore 8K x 8 nvSRAM
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
U63764 SIMTEK-U63764 Datasheet
136Kb / 14P
CapStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
64-Kbit (8K x 8) nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com