Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK15C68 Datasheet (PDF) - List of Unclassifed Manufacturers

STK15C68 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK15C68
Download  STK15C68 Download
File Size   76.2 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8K x 8 AutoStore nvSRAM

STK15C68 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK15C68 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK15C68
Download  STK15C68 Click to download

File Size   76.2 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8K x 8 AutoStore nvSRAM

STK15C68 Datasheet (HTML) - List of Unclassifed Manufacturers


STK15C68 Product details

[Simtek]

DESCRIPTION
The STK15C68 is a fast SRAM with a nonvolatile EEPROM element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent, nonvolatile data resides in EEPROM. Data transfers from the SRAM to EEPROM (the STORE operation) can take place automatically on power down using charge stored in system capacitance.

FEATURES
• Nonvolatile Storage Without Battery Problems
• Directly Replaces 8K x 8 static RAM, Battery Backed RAM or EEPROM
• 25ns, 35ns and 45ns Access Times
• Store to EEPROM Initiated by Software or AutoStore™ on Power Down
• Recall to SRAM by Software or Power Restore
• 15mA ICC at 200ns Cycle Time
• Unlimited Read, Write and Recall Cycles
• 1,000,000 Store Cycles to EEPROM
• 100 Year Data Retention Over Full Industrial Temperature Range
• Commercial and Industrial Temp. Ranges
• 28 Pin 600 or 300 mil PDIP and 350 mil SOIC




Similar Part No. - STK15C68

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-NF25 SIMTEK-STK15C68-NF25 Datasheet
397Kb / 14P
32Kx8 PowerStore nvSRAM
STK15C68-NF25I SIMTEK-STK15C68-NF25I Datasheet
397Kb / 14P
32Kx8 PowerStore nvSRAM
STK15C68-NF25ITR SIMTEK-STK15C68-NF25ITR Datasheet
397Kb / 14P
32Kx8 PowerStore nvSRAM
STK15C68-NF25TR SIMTEK-STK15C68-NF25TR Datasheet
397Kb / 14P
32Kx8 PowerStore nvSRAM
More results


Similar Description - STK15C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
2K X 8 AUTOSTORE NVSRAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
32K x 8 AutoStore nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
PowerStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com