Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK12C68-5 Datasheet (PDF) - Cypress Semiconductor

STK12C68-5 Datasheet PDF - Cypress Semiconductor
Part # STK12C68-5
Download  STK12C68-5 Download
File Size   591.22 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 Kbit (8K x 8) AutoStore nvSRAM

STK12C68-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK12C68-5 Datasheet PDF - Cypress Semiconductor

Part # STK12C68-5
Download  STK12C68-5 Click to download

File Size   591.22 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 Kbit (8K x 8) AutoStore nvSRAM

STK12C68-5 Datasheet (HTML) - Cypress Semiconductor


STK12C68-5 Product details

Functional Description
The Cypress STK12C68-5 is a fast static RAM with a nonvolatile element in each memory cell. The embedded nonvolatile elements incorporate QuantumTrap technology producing the world’s most reliable nonvolatile memory. The SRAM provides unlimited read and write cycles, while independent nonvolatile data resides in the highly reliable QuantumTrap cell.

Features
■ 35 ns and 55 ns access times
■ Hands off automatic STORE on power down with external 68 µF capacitor
■ STORE to QuantumTrap™ nonvolatile elements is initiated by software, hardware, or AutoStore™ on power down
■ RECALL to SRAM initiated by software or power up
■ Unlimited Read, Write, and Recall cycles
■ 1,000,000 STORE cycles to QuantumTrap
■ 100 year data retention to QuantumTrap
■ Single 5V+10% operation
■ Military temperature
■ 28-pin (300mil) CDIP and 28-pad LCC packages




Similar Part No. - STK12C68-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-55M ETC-STK12C68-55M Datasheet
72Kb / 10P
CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
STK12C68-5C25 ETC-STK12C68-5C25 Datasheet
388Kb / 13P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-5C25I ETC-STK12C68-5C25I Datasheet
388Kb / 13P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-5C25M ETC-STK12C68-5C25M Datasheet
388Kb / 13P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-5C35 ETC-STK12C68-5C35 Datasheet
388Kb / 13P
8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Similar Description - STK12C68-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
64 Kbit (8K x 8) SoftStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com