Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J152 Datasheet (PDF) - CIT Relay & Switch

J152 Datasheet PDF - CIT Relay & Switch
Part # J152
Download  J152 Download
File Size   170.59 Kbytes
Page   3 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 10A

J152 Datasheet (PDF)

Go To PDF Page Download Datasheet
J152 Datasheet PDF - CIT Relay & Switch

Part # J152
Download  J152 Click to download

File Size   170.59 Kbytes
Page   3 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 10A

J152 Datasheet (HTML) - CIT Relay & Switch




Similar Part No. - J152

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
J152-ND ASI-J152-ND Datasheet
1Mb / 9P
Silicon MOSFET Technology
REV. A
J152-ND ASI-J152-ND Datasheet
2Mb / 5P
Silicon MOSFET Technology
REV. A
J152-ND ASI-J152-ND Datasheet
1Mb / 9P
Excellent Thermal Stability
REV. A
J152-ND ASI-J152-ND Datasheet
1Mb / 8P
All Gold Bonding Scheme
REV. A
logo
CIT Relay & Switch
J1522AF110VDC CIT-J1522AF110VDC Datasheet
224Kb / 3P
CIT SWITCH
More results


Similar Description - J152

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
Switching capacity up to 30A
J097 CIT-J097 Datasheet
125Kb / 2P
Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
Switching capacity up to 10A
J105D CIT-J105D Datasheet
133Kb / 3P
Switching capacity up to 10A
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com