Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V735 Datasheet (PDF) - Holtek Semiconductor Inc

HT82V735 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V735
Download  HT82V735 Download
File Size   131.67 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 330mW Stereo Audio Power Amp With Shutdown

HT82V735 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V735 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V735
Download  HT82V735 Click to download

File Size   131.67 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 330mW Stereo Audio Power Amp With Shutdown

HT82V735 Datasheet (HTML) - Holtek Semiconductor Inc


HT82V735 Product details

General Description

HT82V735 is a class AB stereo earphone driver designed for portable digital audio application. Pin assign

ments and application circuits are compatible with LM4880 which is suitable for effective low cost applications. The HT82V735 can deliver a maximum of 330mW Output power to an 8load with less than 10%

(THD+N) from a 5V power supply. The very low standby current in shutdown mode contributes to the reduction of power consumption of battery-powered equipments. It provides 8-SOP package.



Features

 Operating voltage: 2.4V~6.0V

 Very low standby current 0.5A (Typ.)

 High signal-to-noise ratio

 High slew rate

 Output power 330mW at 10% THD+N into 8

 Excellent power supply ripple rejection

 Low power consumption

 Wide temperature operating range

 Direct drive speaker

 Shutdown function

 8-pin SOP package



Applications

 CD ROM DVD player

 Notebook/Desktop PC

 Portable Audio Device

 Headphone Amplifier

 Microphone Pre-amplifier

 Discman/MP3




Similar Part No. - HT82V735

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
Audio D/A Converter
October 29, 2002
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
60mA Audio Power Amp
October 29, 2002
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
240mA Audio Power Amp
January 6, 2003
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
More results


Similar Description - HT82V735

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8662 ETC-CM8662 Datasheet
237Kb / 8P
AUDIO POWER AMP WITH SHUTDOWN MODE
logo
Maxim Integrated Produc...
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX9710 MAXIM-MAX9710 Datasheet
606Kb / 15P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 0; 4/03
logo
Holtek Semiconductor In...
HT82V739 HOLTEK-HT82V739 Datasheet
92Kb / 8P
1200mW Audio Power Amp with Shutdown
March 13, 2007
HT82V739 HOLTEK-HT82V739_08 Datasheet
144Kb / 10P
1200mW Audio Power Amp with Shutdown
January 17, 2008
logo
BCD Semiconductor Manuf...
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
logo
Global Mixed-mode Techn...
G1453 GMT-G1453 Datasheet
490Kb / 1P
2.6W Stereo Audio Amplifier with Shutdown Mode
logo
Holtek Semiconductor In...
HT82V73A HOLTEK-HT82V73A Datasheet
1Mb / 9P
1500mW Audio Power Amp with Shutdown
October 16, 2014
logo
Maxim Integrated Produc...
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com